Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRP-CL-600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KRP-CL-600
Description  KRP-CL 600Vac, 225-600A, time-delay fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KRP-CL-600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KRP-CL-600 Datasheet HTML 1Page - List of Unclassifed Manufacturers KRP-CL-600 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KRP-CL 600Vac, 225-600A, time-delay fuses
(800A Class L case size)
Technical Data
Effective February 2016
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help
the end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or
limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin.
Once a product has been selected, it should be tested by the user in all possible applications.
Eaton and Bussmann are valuable trademarks
of Eaton in the US and other countries. You
are not permitted to use the Eaton trademarks
without prior written consent of Eaton.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 1016 — BU-SB98107
February 2016
Follow us on social media to get the
latest product and support information.


Similar Part No. - KRP-CL-600

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KRP-CL-600 COOPER-KRP-CL-600 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
More results

Similar Description - KRP-CL-600

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KRP-CL-225 COOPER-KRP-CL-225 Datasheet
500Kb / 2P
   KRP-CL 600Vac, 225-600A, time-delay fuses
KRP-C-601SP COOPER-KRP-C-601SP Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C EATON-KRP-C Datasheet
715Kb / 4P
   Low-Peak??KRP-C Class L 600Vac/300Vdc, 601-2000A, time-delay fuses
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
   Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
   FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
KRP-C-2001SP COOPER-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
logo
Eaton All Rights Reserv...
KRP-C-2001SP EATON-KRP-C-2001SP Datasheet
741Kb / 4P
   Low-Peak??KRP-C Class L 600Vac, 2001-6000A, 300Vdc 3000A time-delay fuses
logo
Cooper Bussmann, Inc.
S505H COOPER-S505H Datasheet
442Kb / 3P
   400Vdc/500-600Vac Time-Delay 5x20mm Fuses
logo
Eaton All Rights Reserv...
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
   FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com