Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPGSCK611RWWE Datasheet(PDF) 1 Page - Carling Technologies

Part # LPGSCK611RWWE
Description  Illuminated Double Pole Rocker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

LPGSCK611RWWE Datasheet(HTML) 1 Page - Carling Technologies

  LPGSCK611RWWE Datasheet HTML 1Page - Carling Technologies LPGSCK611RWWE Datasheet HTML 2Page - Carling Technologies LPGSCK611RWWE Datasheet HTML 3Page - Carling Technologies LPGSCK611RWWE Datasheet HTML 4Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Carling Technologies, Inc.
60 Johnson Avenue, Plainville, CT 06062
Email: sales@carlingtech.com
Application Support: team2@carlingtech.com
Phone: 860.793.9281 Fax: 860.793.9231
www.carlingtech.com
LRG-Series
LRG-Series
ILLUMINATED DOUBLE POLE ROCKER & PADDLE SWITCHES
The double pole lighted version of the R-Series incorporates the same sleek lines as the original Curvette,
in a double pole envelope. This illuminated version features silver-plated butt-action contacts with ratings
to 20A/125, 15A 250VAC and withstand peak inrush currents up to 100 amps. Clear or translucent style
rocker actuators and a choice of solder lug, .250 Tab and wire lead terminations enable this switch to adapt
to high current applications.
Product Highlights:
Š
Ratings to 20A
Š
Neon or Incandescent Illumination
Š
Silver Plated Butt-contact mechanism
Š
Clear or translucent style rockers
Typical Applications:
Š
Power Supply
Š
Appliance
Š
Exercise Equipment
Š
Music Equipment


Similar Part No. - LPGSCK611RWWE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LPG05AF-25 UTC-LPG05AF-25 Datasheet
133Kb / 4P
   LPG05AF-25
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-0500 ETC2-LPG10-0500 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
LPG10-1000 ETC2-LPG10-1000 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
LIGITEK electronics co....
LPG2040-PF LIGITEK-LPG2040-PF Datasheet
135Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LPGSCK611RWWE

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
LRA22H2FBBNN ZFSWITCHES-LRA22H2FBBNN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
logo
ITT Industries
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
CN201J12S215Q ITT-CN201J12S215Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
logo
Cherry Semiconductor Co...
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
   Sealed Rocker Switch Double Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
   Rocker Switch Single and Double Pole
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
LUMEX INC.
CLS-RC11A125191B LUMEX-CLS-RC11A125191B Datasheet
49Kb / 1P
   ILLUMINATED ROCKER SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com