Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV1604-12TI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49BV1604-12TI
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1604-12TI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49BV1604-12TI Datasheet HTML 4Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 5Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 6Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 7Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 8Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 9Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 10Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 11Page - ATMEL Corporation AT49BV1604-12TI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AT49BV1604(T)/1614(T)
8
AT49BV1604T/1614T - Sector Address Table
Plane
Sector
Size (Bytes/Words)
x8
Address Range (A19 - A-1)
x16
Address Range (A19 - A0)
B
SA0
64K/32K
000000 - 00FFFF
00000 - 07FFF
B
SA1
64K/32K
010000 - 01FFFF
08000 - 0FFFF
B
SA2
64K/32K
020000 - 02FFFF
10000 - 17FFF
B
SA3
64K/32K
030000 - 03FFFF
18000 - 1FFFF
B
SA4
64K/32K
040000 - 04FFFF
20000 - 27FFF
B
SA5
64K/32K
050000 - 05FFFF
28000 - 2FFFF
B
SA6
64K/32K
060000 - 06FFFF
30000 - 37FFF
B
SA7
64K/32K
070000 - 07FFFF
38000 - 3FFFF
B
SA8
64K/32K
080000 - 08FFFF
40000 - 47FFF
B
SA9
64K/32K
090000 - 09FFFF
48000 - 4FFFF
B
SA10
64K/32K
0A0000 - 0AFFFF
50000 - 57FFF
B
SA11
64K/32K
0B0000 - 0BFFFF
58000 - 5FFFF
B
SA12
64K/32K
0C0000 - 0CFFFF
60000 - 67FFF
B
SA13
64K/32K
0D0000 - 0DFFFF
68000 - 6FFFF
B
SA14
64K/32K
0E0000 - 0EFFFF
70000 - 77FFF
B
SA15
64K/32K
0F0000 - 0FFFFF
78000 - 7FFFF
B
SA16
64K/32K
100000 - 10FFFF
80000 - 87FFF
B
SA17
64K/32K
110000 - 11FFFF
88000 - 8FFFF
B
SA18
64K/32K
120000 - 12FFFF
90000 - 97FFF
B
SA19
64K/32K
130000 - 13FFFF
98000 - 9FFFF
B
SA20
64K/32K
140000 - 14FFFF
A0000 - A7FFF
B
SA21
64K/32K
150000 - 15FFFF
A8000 - AFFFF
B
SA22
64K/32K
160000 - 16FFFF
B0000 - B7FFF
B
SA23
64K/32K
170000 - 17FFFF
B8000 - BFFFF
A
SA24
64K/32K
180000 - 18FFFF
C0000 - C7FFF
A
SA25
64K/32K
190000 - 19FFFF
C8000 - CFFFF
A
SA26
64K/32K
1A0000 - 1AFFFF
D0000 - D7FFF
A
SA27
64K/32K
1B0000 - 1BFFFF
D8000 - DFFFF
A
SA28
64K/32K
1C0000 - 1CFFFF
E0000 - E7FFF
A
SA29
64K/32K
1D0000 - 1DFFFF
E8000 - EFFFF
A
SA30
32K/16K
1E0000 - 1E7FFF
F0000 - F3FFF
A
SA31
32K/16K
1E8000 - 1EFFFF
F4000 - F7FFF
A
SA32
8K/4K
1F0000 - 1F1FFF
F8000 - F8FFF
A
SA33
8K/4K
1F2000 - 1F3FFF
F9000 - F9FFF
A
SA34
8K/4K
1F4000 - 1F5FFF
FA000 - FAFFF
A
SA35
8K/4K
1F6000 - 1F7FFF
FB000 - FBFFF
A
SA36
8K/4K
1F8000 - 1F9FFF
FC000 - FCFFF
A
SA37
8K/4K
1FA000 - 1FBFFF
FD000 - FDFFF
A
SA38
8K/4K
1FC000 - 1FDFFF
FE000 - FEFFF
A
SA39
8K/4K
1FE000 - 1FFFFF
FF000 - FFFFF


Similar Part No. - AT49BV1604-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604-12TI ATMEL-AT49BV1604-12TI Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results

Similar Description - AT49BV1604-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com