Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63NHG1B-690 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 63NHG1B-690
Description  690 Volts gG/gL NH Fuse links
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

63NHG1B-690 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  63NHG1B-690 Datasheet HTML 1Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 2Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 3Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 4Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 5Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 6Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 7Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 8Page - List of Unclassifed Manufacturers 63NHG1B-690 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Technical Data 720109
Effective September 2015
Bussmann series
690 Volts gG/gL NH Fuse links
Eaton Industries Manufacturing GmbH
Electrical Sector EMEA
Route de la Longeraie
71110 Morges, Switzerland
Eaton.eu
© 2015 Eaton
All Rights Reserved
Publication No. 720109
September 2015
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Time-current curves - NH Size 4 Single indication slotted tags
Technical data - NH size 4
Part numbers
with metal
gripping lugs
Fuse link
size
Rated
current
(Amps)
Rated
voltage
(V a.c.)
I2t (Amps2 Seconds)
Watts loss
Net weight
per fuse
(kg)
Minimum
pre-arcing
*I
1 120kA at
690 V a.c.
630NHG4B-690
4
630
690
1,730,000
6,550,000
44
2.5
800NHG4B-690
800
3,330,000
11,000,000
61
*I
1 is the maximum breaking capacity test at rated voltage according to IEC 60269 requirements
Current in Amps (A)
Changes to the products, to the information
contained in this document, and to prices
are reserved; so are errors and omissions.
Only order confirmations and technical
documentation by Eaton is binding. Photos
and pictures also do not warrant a specific
layout or functionality. Their use in whatever
form is subject to prior approval by Eaton.
The same applies to Trademarks (especially
Eaton, Moeller, and Cutler-Hammer). The
Terms and Conditions of Eaton apply, as
referenced on Eaton Internet pages and
Eaton order confirmations.


Similar Part No. - 63NHG1B-690

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
63NHG1B-690 COOPER-63NHG1B-690 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
63NHG1B-690 COOPER-63NHG1B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
More results

Similar Description - 63NHG1B-690

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Schurter Inc.
NH-DIN00-DIN00C500V SCHURTER-NH-DIN00-DIN00C500V Datasheet
377Kb / 3P
   Fuse NH-DIN00-DIN00C 500V (gG)
14.09.2021
logo
Cooper Bussmann, Inc.
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com