Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD0402-240 Datasheet(PDF) 2 Page - Littelfuse

Part # PESD0402-240
Description  ESD protection for high frequency applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PESD0402-240 Datasheet(HTML) 2 Page - Littelfuse

  PESD0402-240 Datasheet HTML 1Page - Littelfuse PESD0402-240 Datasheet HTML 2Page - Littelfuse PESD0402-240 Datasheet HTML 3Page - Littelfuse PESD0402-240 Datasheet HTML 4Page - Littelfuse PESD0402-240 Datasheet HTML 5Page - Littelfuse PESD0402-240 Datasheet HTML 6Page - Littelfuse PESD0402-240 Datasheet HTML 7Page - Littelfuse PESD0402-240 Datasheet HTML 8Page - Littelfuse PESD0402-240 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ESD Protector
Overvoltage Protection Device
PRODUCT: PESD0402-240
DOCUMENT: SCD28721
REV LETTER: C
REV DATE: JULY 26, 2016
PAGE NO.: 2 OF 9
© 2016 Littelfuse, Inc.
littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
PART NUMBERING
PESD 0402 - 240
Series
Operating Voltage Designator
24 x 100 = 24VDC
EIA Size
* Halogen Free refers to: Br≤900ppm, Cl≤900ppm, Br+Cl≤1500ppm
TYPICAL DEVICE RATINGS AND CHARACTERISTICS
Continuous
Max
Operating
Voltage
Typical
TLP
Trigger
Voltage1
Typical TLP
Clamping
Voltage1
after 30ns
Typical
Capacitance2
@ 1 MHz,
1Vrms
Typical
Leakage
Current
@24VDC
Max
Leakage
Current
@24VDC
Symbol
VDC
VT(TLP)
VC(TLP 30)
Cp
IL(Typ)
IL(MAX)
Unit
V
V
V
pF
μA
μA
Value
24
250
40
0.25
<0.01
10.0
Note 1: TLP test method at 1000V (refer to FIG. 5 on page 5)
Note 2: Typical capacitance @ 0V and 24V bias
GENERAL CHARACTERISTICS
Operating temperature: -55°C to +125°C
Storage temperature:
-55°C to +125°C
ESD voltage capability (tested per IEC 61000-4-2)
o
Contact discharge mode: 8kV (typ), 15kV (max)
o
Air discharge mode: 15kV (typ), 25kV (max) [1 pulse: per customer request]
ESD pulse withstand: Typically 100 pulses (tested per IEC 61000-4-2, level 4, and contact method)
Environmental Specifications
Bias Humidity
Test
Thermal Shock
Bias Heat
Test
Bias Low
Temp Test
Solderability
Solder
Heat
Vibration
Mechanical
Shock
Solvent
Resistan
ce
Test
Conditions
@ 85oC
@ 85% RH
VDC (max)
1000 hours
-55oC to 125oC
30min dwell
1000 cycles
@ 125oC
VDC (max)
1000 hours
@ -55oC
VDC (max)
1000 hours
250 oC +/- 5 oC
3s +/- 1s
260 oC,10s
10 to 50Hz, 60s
cycle, 2hrs
each in X-Y-Z
axis
1500G,
0.5ms, X-
Y-Z axis
3 times
IPA
ultrasonic
300s


Similar Part No. - PESD0402-240

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
   ESD Protection Devices
More results

Similar Description - PESD0402-240

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
Shanghai Leiditech Elec...
PESD0402MV18 LEIDITECH-PESD0402MV18 Datasheet
1Mb / 6P
   The best ESD protection for high speed applications
logo
FutureWafer Tech Co.,Lt...
FESD05VBL FUTUREWAFER-FESD05VBL Datasheet
1Mb / 8P
   High Current For ESD Protection
13-DEC-2021 V 2.0
logo
Semtech Corporation
UCLAMP2424PWQ SEMTECH-UCLAMP2424PWQ Datasheet
735Kb / 8P
   24V ESD and EOS Protection for Automotive Applications
Rev 2.2 4/25/2022
UCLAMP2492SQ SEMTECH-UCLAMP2492SQ Datasheet
815Kb / 8P
   24V ESD and EOS Protection for Automotive Applications
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com