Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACK-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACK-10
Description  Stud-mounted fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ACK-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACK-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACK-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACK-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 1040
Effective June 2017
Eaton.com/bussmannseries
Catalog
symbol
Dimensions in Inches and (mm)
A
B
C
D
E
F
G
ACK 10-30
2.5”
(63.5)
0.375”
(9.53)
0.500”
(12.70)
0.250”
(6.35)
0.557”
14.15)
0.588”
(14.94)
0.031”
(0.79)
ACK 35-60
3.0”
(76.20)
0.470”
(11.94)
0.685”
(17.40)
0.344”
(8.74)
0.812”
(20.63)
0.860”
(21.84)
0.051”
(1.30)
ACK 70-100
3.5”
(88.90)
0.547”
(13.89)
0.750”
(19.05)
0.312”
(7.92)
1.062”
(26.98)
1.125”
(28.58)
0.050”
(1.27)
ACK 120-200
3.750”
(95.25)
0.750”
(19.05)
0.750”
(19.05)
0.375”
(9.52)
1.062”
(26.98)
1.15”
(29.21)
0.050”
(1.27)
ACK 225-400
3.750”
(95.25)
0.610”
(15.49)
0.750”
(19.05)
0.312”
(7.92)
1.062”
(1.062)
1.125”
(28.58)
0.050”
(1.27)
Note:
10-60 amp fuses use brass terminals and ferrules. 70-400
amp fuses use copper terminals and ferrules.
Time-current curves – average melt
Stud-mounted fuses


Similar Part No. - ACK-10

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
ACK-100 EATON-ACK-100 Datasheet
1Mb / 3P
   Stud-mounted fuses
More results

Similar Description - ACK-10

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
List of Unclassifed Man...
ALS-100 ETC1-ALS-100 Datasheet
244Kb / 2P
   Stud-mounted fuses one-time
logo
Littelfuse
CCK1-15A LITTELFUSE-CCK1-15A Datasheet
102Kb / 1P
   Fork-Lift and Stud-Mounted Fuses
logo
New Jersey Semi-Conduct...
1N1183A NJSEMI-1N1183A Datasheet
147Kb / 1P
   STUD MOUNTED POWER RECTIFIERS
logo
List of Unclassifed Man...
1N2024 ETC2-1N2024 Datasheet
49Kb / 1P
   STUD MOUNTED SIKCON POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3889 NJSEMI-1N3889 Datasheet
137Kb / 1P
   STUD MOUNTED FAST RECOVERY POWER RECTIFIERS
logo
Littelfuse
CCK1-15A LITTELFUSE-CCK1-15A_05 Datasheet
154Kb / 1P
   Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3208 VISHAY-1N3208 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
510Kb / 2P
   15 Amp Stud-mounted Silicon Rectifier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com