Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV1604-12TC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49BV1604-12TC
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1604-12TC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49BV1604-12TC Datasheet HTML 2Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 3Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 4Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 5Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 6Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 7Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 8Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 9Page - ATMEL Corporation AT49BV1604-12TC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AT49BV1604(T)/1614(T)
6
Notes:
1. The DATA FORMAT in each bus cycle is as follows: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex).
The ADDRESS FORMAT in each bus cycle is as follows: A15 - A0 (Hex), A-1, A14 - A19 (Don’t Care).
2. Either one of the Product ID Exit commands can be used.
3. SA = sector address. Any byte/word address within a sector can be used to designate the sector address (see next two
pages for details).
4. When the sector programming lockout feature is not enabled, the sector will erase (from the same sector erase command).
Once the sector has been protected, data in the protected sectors cannot be changed unless the RESET pin is taken to
12V ± 0.5V.
5. PA is the plane address (A19 - A18).
Command Definition in Hex
(1)
Command
Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
Addr
DOUT
Chip Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
10
Sector Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
SA
(3)(4)
30
Byte/Word Program
4
5555
AA
2AAA
55
5555
A0
Addr
D
IN
Bypass Unlock
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
A0
Single Pulse
Byte/Word Program
1
Addr
DIN
Sector Lockout
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
SA
(3)(4)
40
Erase Suspend
1
xxxx
B0
Erase Resume
1
PA
(5)
30
Product ID Entry
3
5555
AA
2AAA
55
5555
90
Product ID Exit
(2)
3
5555
AA
2AAA
55
5555
F0
Product ID Exit
(2)
1
xxxx
F0
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on OE
with Respect to Ground ...................................-0.6V to +13.5V


Similar Part No. - AT49BV1604-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604-12TC ATMEL-AT49BV1604-12TC Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results

Similar Description - AT49BV1604-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com