Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5.0 Datasheet(PDF) 6 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # SMBJ5.0
Description  SMB Plastic-Encapsulate Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

SMBJ5.0 Datasheet(HTML) 6 Page - Jiangsu High diode Semiconductor Co., Ltd

  SMBJ5.0 Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd SMBJ5.0 Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd SMBJ5.0 Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd SMBJ5.0 Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd SMBJ5.0 Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd SMBJ5.0 Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd SMBJ5.0 Datasheet HTML 7Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
//htmlimg2.alldatasheet.com/htmldatasheet2/951045/HDSEMI/SMBJ5.0/1326/6/SMBJ5.0.png


Similar Part No. - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ5.0 MICROSEMI-SMBJ5.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ5.0 SOCAY-SMBJ5.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMBJ5.0 UNSEMI-SMBJ5.0 Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Galaxy Semi-Conductor H...
SMBJ5.0 BILIN-SMBJ5.0 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ5.0

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
ES3KB HDSEMI-ES3KB Datasheet
1Mb / 4P
   SMB Plastic-Encapsulate Diodes
P6SMB HDSEMI-P6SMB Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
SS32B HDSEMI-SS32B Datasheet
1Mb / 4P
   SMB Plastic-Encapsulate Diodes
ES2A HDSEMI-ES2A Datasheet
1Mb / 4P
   SMB Plastic-Encapsulate Diodes
CPXXXXSC-SERIES HDSEMI-CPXXXXSC-SERIES Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
MURS120-SMB HDSEMI-MURS120-SMB Datasheet
2Mb / 4P
   SMB Plastic-Encapsulate Diodes
MURS320-SMB HDSEMI-MURS320-SMB Datasheet
2Mb / 4P
   SMB Plastic-Encapsulate Diodes
P0080SB HDSEMI-P0080SB Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
P0080SC-P4200SC HDSEMI-P0080SC-P4200SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS220 DGNJDZ-MURS220_V01 Datasheet
2Mb / 4P
   SMB Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
RS3AB HDSEMI-RS3AB Datasheet
1Mb / 4P
   SMB Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com