Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-200ADB12AA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # MDS-200ADB12AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-200ADB12AA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button MDS-200ADB12AA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 9Page - Delta Electronics, Inc. MDS-200ADB12AA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Medical AC-DC Enclosed Power Supply
12V 200W 2”x4” High Density / MDS-200ADB12 AA
6
EMC (Compliant with IEC 60601-1-2 4th Ed. Requirements)
EMC / Emissions
EN55011/EN55022,FCC Title 47:Class B
Harmonic Current Emissions
IEC61000-3-2
Meet Class D limit
Immunity to
Voltage Flicker
IEC61000-3-3
Electrostatic Discharge
IEC61000-4-2
Level 4 Criteria A
1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC61000-4-3
Criteria A
1)
80MHz-2700MHz, 10V/m AM modulation
385MHz-5785MHz, 28V/m Pulse mode and other
modulation
Electrical Fast Transient / Burst
IEC61000-4-4
Level 3 Criteria A
1) :2kV
Surge
IEC61000-4-5
Level 3 Criteria A
1)
Common Mode
3): 2kV
Differential Mode
4): 1kV
Conducted
IEC61000-4-6
Level 2 Criteria A
1)
150kHz-80MHz, 3Vrms, 6Vrms at ISM bands and
Amateur radio bands
Power Frequency Magnetic Fields
IEC61000-4-8
Criteria A
1)
Magnetic field strength 30A/m
Voltage Dips
IEC61000-4-11
Criteria A
1)
0% UT, 0.5 cycle (10ms)
, 0
o/45o/90o/135o/180o/225o/270o/315o/360o
Criteria B
2)
0% UT, 1 cycle (20ms), 0
o
Criteria B
2)
70% UT, 25 cycle (500ms), 0
o
Criteria B
2)
0% UT, 250 cycle (5000ms), 0
o
1) Criteria A: Normal performance within the specification limits
2) Criteria B: Output out of regulation, or shuts down during test. Automatically restore to normal operation after test.
3) Asymmetrical: Common mode (Line to earth)
4) Symmetrical: Differential mode (Line to line)
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Similar Part No. - MDS-200ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-200ADB24AA DELTA-MDS-200ADB24AA Datasheet
806Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results

Similar Description - MDS-200ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400ADB12AA DELTA-MDS-400ADB12AA Datasheet
708Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB48AA DELTA-MDS-300ADB48AA Datasheet
857Kb / 13P
   Medical AC-DC Enclosed Power Supply
MDS-400ADB24AA DELTA-MDS-400ADB24AA Datasheet
6Mb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB12AA DELTA-MDS-200APB12AA Datasheet
706Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB24AA DELTA-MDS-200ADB24AA Datasheet
806Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB24AA DELTA-MDS-300ADB24AA Datasheet
723Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24AA DELTA-MDS-200APB24AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB12AA DELTA-MDS-300ADB12AA Datasheet
800Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24-AA DELTA-MDS-200APB24-AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com