Electronic Components Datasheet Search |
|
HE722A0500 Datasheet(PDF) 1 Page - Littelfuse |
|
HE722A0500 Datasheet(HTML) 1 Page - Littelfuse |
1 / 3 page littelfuse.com © 2016 Littelfuse Revised: 03/04/16 Specifications are subject to change without notice. HE700 Miniature Dual In-line Reed Relay Description The HE700 is a miniature reed relay in a DIL package with a choice of normally open, normally open high voltage, normally closed or changeover contacts capable of switching up to 300Vdc at 10W. It is available with 5V, 12V, and 24V coils and diode suppression and also available with magnetic shield option. Agency Approvals Agency Agency File Number E47258 Reed Relays Features • Miniature dual in-line package • Optional coil suppression diode to protect coil drive circuits • External magnetic shield option • Diode suppression option • RoHS Compliant Benefits • One relay, various contacts choices reducing space and cost without compromising flexibility • Lower power coil consumption than competing electromechanical devices. • Hermetically sealed switching contact is immune to the effects of its environment • Transfer molded package gives maximum component protection Applications • Security Systems • Telecom Equipments • Process Control Systems • Industrial Equipments • Instrumentation Dimensions Dimensions in mm (inch) DIL Packaged > HE700 Table 1: Dimension Relay Type Body Type L W H HE700 Transfer Molded 19.05 (.750) 7.22 (.284) 5.50 (.217) External Shield 20.14 (.793) 7.62 (.300) 5.82 (.229) 0.51 (.020) 0.51NOM. (.020) 15.24 NOM. (.600) 3.00 NOM. (.118) 19.05 (.750) 20.14 (.793) Fig. 1: HE700 10.16 NOM. (.400) H 0.51 (.020) 0.51NOM. (.020) 15.24 NOM. (.600) 3.00 NOM. (.118) 0.25 NOM. (.010) 9.52 (.375) Fig. 2: HE751 Fig. 3: HE700 (All) 10.16 NOM. (.400) H W Note: Contact Littelfuse for specific agency approval ratings. |
Similar Part No. - HE722A0500 |
|
Similar Description - HE722A0500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |