Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE721R0500 Datasheet(PDF) 1 Page - Littelfuse

Part # HE721R0500
Description  Miniature dual in-line package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HE721R0500 Datasheet(HTML) 1 Page - Littelfuse

  HE721R0500 Datasheet HTML 1Page - Littelfuse HE721R0500 Datasheet HTML 2Page - Littelfuse HE721R0500 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
littelfuse.com
© 2016 Littelfuse
Revised: 03/04/16
Specifications are subject to change without notice.
HE700 Miniature Dual In-line Reed Relay
Description
The HE700 is a miniature reed relay in a DIL package with a choice of normally
open, normally open high voltage, normally closed or changeover contacts
capable of switching up to 300Vdc at 10W. It is available with 5V, 12V, and 24V
coils and diode suppression and also available with magnetic shield option.
Agency Approvals
Agency
Agency File Number
E47258
Reed Relays
Features
• Miniature dual in-line package
• Optional coil suppression diode to
protect coil drive circuits
• External magnetic shield option
• Diode suppression option
• RoHS Compliant
Benefits
• One relay, various contacts choices
reducing space and cost without
compromising flexibility
• Lower power coil consumption than
competing electromechanical
devices.
• Hermetically sealed switching
contact is immune to the effects of
its environment
• Transfer molded package gives
maximum component protection
Applications
• Security Systems
• Telecom Equipments
• Process Control Systems
• Industrial Equipments
• Instrumentation
Dimensions
Dimensions in mm (inch)
DIL Packaged > HE700
Table 1: Dimension
Relay Type
Body Type
L
W
H
HE700
Transfer Molded
19.05 (.750)
7.22 (.284)
5.50 (.217)
External Shield
20.14 (.793)
7.62 (.300)
5.82 (.229)
0.51
(.020)
0.51NOM.
(.020)
15.24 NOM.
(.600)
3.00 NOM.
(.118)
19.05
(.750)
20.14
(.793)
Fig. 1: HE700
10.16 NOM.
(.400)
H
0.51
(.020)
0.51NOM.
(.020)
15.24 NOM.
(.600)
3.00 NOM.
(.118)
0.25 NOM.
(.010)
9.52
(.375)
Fig. 2: HE751
Fig. 3: HE700 (All)
10.16 NOM.
(.400)
H
W
Note: Contact Littelfuse for specific agency approval ratings.


Similar Part No. - HE721R0500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE721R0500 ETC1-HE721R0500 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE721R0500 ETC2-HE721R0500 Datasheet
486Kb / 2P
   D.I.L. Relay Features and Benefits
More results

Similar Description - HE721R0500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HE3600 LITTELFUSE-HE3600 Datasheet
402Kb / 3P
   Miniature single in-line package
HE3300 LITTELFUSE-HE3300 Datasheet
436Kb / 3P
   Miniature single in-line package
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
COSMO Electronics Corp...
KTLP3616S COSMO-KTLP3616S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3617S COSMO-KTLP3617S Datasheet
139Kb / 6P
   Compact dual-in-line package.
KTLP3506H COSMO-KTLP3506H Datasheet
113Kb / 6P
   Compact dual-in-line package
KTLP3507S COSMO-KTLP3507S Datasheet
139Kb / 6P
   Compact dual-in-line package
KTLP3507H COSMO-KTLP3507H Datasheet
114Kb / 6P
   Compact dual-in-line package
logo
Fujikura Ltd.
FPM-07PGR FUJIKURA-FPM-07PGR Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com