Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT75C320 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT75C320
Description  Smart Internet Appliance Processor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C320 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT75C320 Datasheet HTML 5Page - ATMEL Corporation AT75C320 Datasheet HTML 6Page - ATMEL Corporation AT75C320 Datasheet HTML 7Page - ATMEL Corporation AT75C320 Datasheet HTML 8Page - ATMEL Corporation AT75C320 Datasheet HTML 9Page - ATMEL Corporation AT75C320 Datasheet HTML 10Page - ATMEL Corporation AT75C320 Datasheet HTML 11Page - ATMEL Corporation AT75C320 Datasheet HTML 12Page - ATMEL Corporation AT75C320 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
AT75C320
1769A–07/01
USART:
Universal
Synchronous/
Asynchronous
Receiver/
Transmitter
The AT75C320 provides two identical full-duplex, universal synchronous/asynchronous
receiver/transmitters that interface to the APB and are connected to the peripheral data
controller.
The main features are:
Programmable baud rate generator
Parity, framing and overrun error detection
Line break generation and detection
Automatic echo, local loopback and remote loopback
Multi-drop mode: address detection and generation
Interrupt generation
Dedicated peripheral data controller channels
6-, 7-, 8- and 9-bit character length
In addition to the Tx and Rx signals, the USART A provides several modem control lines.
SPI: Serial
Peripheral
Interface
The AT75C320 includes an SPI that provides communication with external devices in master
or slave mode.
The SPI has one external chip select that can be connected to two devices. The data length is
programmable from 8- to 16-bit.
Timer/Counter
The AT75C320 features three identical 16-bit timer/counters. They can be independently pro-
grammed to perform a wide range of functions, including frequency measurement, event
counting, interval measurement, pulse generation, delay timing and pulse width modulation.
The triple timer/counter block has three external clock inputs, five internal clock inputs and two
multi-purpose signals that can be configured by the user. Each timer drives an internal inter-
rupt signal that can be programmed to generate processor interrupts via the advanced
interrupt controller.
Watchdog Timer
The AT75C320 has an internal watchdog timer that can be used to prevent system lock-up if
the software becomes trapped in a deadlock.
Special Functions
The AT75C320 provides registers that implement the following special functions:
Chip identification
Reset status
Application
Software
The AT75C320 is supported by a comprehensive range of software modules. As a result of
the widespread use of the ARM7TDMI and the OakDSPCore, a wide range is available, either
directly from Atmel or from third parties.
The application software modules are in three categories: OS level, DSP level and application
level.
OS Level
The AT75C320 is supplied with a customized port of the Linux kernel. It features device driv-
ers for all the on-chip peripherals, including the DSP subsystems, and supports virtual file
system usage. It also supports the native TCP/IP facilities that have made Linux a success in
Internet applications. This kernel is available in source code under the terms of the Gnu Public
License.
Many other operating systems exist for the ARM7TDMI core.


Similar Part No. - AT75C320

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT75C310 ATMEL-AT75C310 Datasheet
187Kb / 12P
   Smart Internet Appliance Processor
AT75C310 ATMEL-AT75C310 Datasheet
207Kb / 17P
   Smart Internet Appliance Processor Electrical and Mechanical Characteristics
AT75C310-Q160 ATMEL-AT75C310-Q160 Datasheet
207Kb / 17P
   Smart Internet Appliance Processor Electrical and Mechanical Characteristics
More results

Similar Description - AT75C320

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT75C221 ATMEL-AT75C221 Datasheet
556Kb / 23P
   Smart Internet Appliance Processor
AT75C310 ATMEL-AT75C310 Datasheet
187Kb / 12P
   Smart Internet Appliance Processor
AT75C ATMEL-AT75C Datasheet
1Mb / 171P
   Smart Internet Appliance Processor (SIAP)
AT75C220 ATMEL-AT75C220 Datasheet
1Mb / 144P
   Smart Internet Appliance Processor(SIAP)
AT75C140 ATMEL-AT75C140 Datasheet
216Kb / 18P
   Smart Internet Appliance Processor (SIAP-TM)
AT75C310 ATMEL-AT75C310 Datasheet
207Kb / 17P
   Smart Internet Appliance Processor Electrical and Mechanical Characteristics
logo
Analog Devices
ADSP-21MOD870 AD-ADSP-21MOD870 Datasheet
231Kb / 32P
   Internet Gateway Processor
REV. 0
ADSP-21MOD870 AD-ADSP-21MOD870_15 Datasheet
234Kb / 32P
   Internet Gateway Processor
REV. 0
ADSP-21MOD870-110 AD-ADSP-21MOD870-110_15 Datasheet
65Kb / 6P
   Internet Gateway Processor Software
REV. 0
ADSP-21MOD870-110 AD-ADSP-21MOD870-110 Datasheet
60Kb / 6P
   Internet Gateway Processor Software
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com