Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL731-04-X0 Datasheet(PDF) 2 Page - Littelfuse

Part # EL731-04-X0
Description  The EL731 is a microprocessor-based
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

EL731-04-X0 Datasheet(HTML) 2 Page - Littelfuse

  EL731-04-X0 Datasheet HTML 1Page - Littelfuse EL731-04-X0 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Protection Relays and Controls
© 2016 Littelfuse Protection Relays & Controls
14 L1
L2/N
GND
NC
TC
TB
TA
TC
TB
TA
TC
PTC
RTD
PGA-0520
4-20mA
EFCT-X
EFCT-X
SUPPLY
+t˚
TB
TA
AB
AA
ANALOG
OUT
REMOTE
RESET
RTD/PTC
LINE 2/N
LINE 1
OPTIONAL
NETWORK
COMM
FAULT
20-6000 HZ CT
DC-90 HZ CT
RST
GND
SH1
S12
S11
SH2
S22
S21
19
K1
22
25
K2
K3
20
16
15
18
21
23
24
26
17
2
1
5
4
3
11
10
9
8
7
6
13
12
AC/DC SENSITIVE
EARTH-LEAKAGE RELAY
EL731
+ –
Specifications
IEEE Device Numbers
AC ground fault (50G/N, 51G/N),
DC ground fault (79G),
PTC overtemperature (49),
RTD temperature (38, 49)
Supply Voltage
120/240 Vac/Vdc, 24 Vdc,
48 Vdc/24 Vac
Trip Level Settings
30-5,000 mA AC and DC
Alarm Level Settings
30-5,000 mA AC and DC
Trip Delay
0.05-2 s
Output Contacts
3 Form C (programmable)
Contact Operating Mode Fail-safe & non-fail-safe
Reset
Front panel and remote
Freq. Response, CT1
0-90 Hz
Freq. Response, CT2
20-6,000, 190-6,000, 20-90, 20-3,000 Hz;
selectable
Current Transformer
EFCT-x series
CT Detection
Open & short detection
Terminals
Plug-in, wire clamping,
24 to 12 AWG (0.2-2.5 mm2)
Communications
EtherNet/IP™, DeviceNet™, Profibus®,
Modbus®
TCP (optional)
Analog Output
4-20 mA (selectable 0-5 A or
0-100% trip-level setting)
Conformal Coating
Standard feature
Dimensions
H 48 mm (1.9”); W 96 mm (3.8”);
D 129 mm (5.0”)
Approvals
UL Listed (E340889), CSA,
RCM (Australia), CE
Warranty
5 years
Mounting
Panel; Surface and DIN (with optional
AC700-SMK)
FEATURES
BENEFITS
Adjustable pickup (30-5,000 mA)
Adjustable trip setting provides a wide range of low-level protection and system coordination
Frequency range (0-90 Hz, 20-6,000 Hz)
Operate in either AC or DC mode or both. Use single or combined ranges. Separate metering
32-char OLED display
Earth-leakage metering, setup and programming
Local LED indication
Visual Trip, Alarm, CT connection indication
CT-Loop monitoring
Alarms when CT is not connected
Analog output (4-20 mA)
Connect to DCS. Allows connection to an optional meter (PGA-0520) or control system
Adjustable time delay
Adjustable trip delay for quick protection and system coordination
Alarm and trip settings
Detect a deteriorating condition before damage occurs
Temperature-sensor input
Drive or motor temperature protection
Output contacts
3 programmable: Operate 2 alarm and 1 trip circuit
Network communication
Optional connection to plant network
Harmonic filtering
Eliminates nuisance tripping due to harmonic noise
Microprocessor based
No required calibration saves maintenance cost
Universal power supply
Provides flexibility for numerous applications
Features & Benefits
Wiring Diagram
Earth-Leakage Protection–Grounded AC or DC Systems
EL731 SERIES
AC/DC Sensitive Earth-Leakage Relay
Littelfuse reserves the right to make product changes, without notice. Material in this document is as accurate as known at the time of publication. Visit Littelfuse.com for the most up-to-date information.
Littelfuse.com/el731
Rev: 4-F-040716
Based on Manual Rev 6-F-031116


Similar Part No. - EL731-04-X0

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-110 ETRON-EL7300Q-110 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-140 ETRON-EL7300Q-140 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
EL7300Q-160 ETRON-EL7300Q-160 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
EL7301 ETRON-EL7301 Datasheet
906Kb / 5P
   single chip solution included a triple-channel ADC, two PLL circuits, one internal On Screen Display (OSD), sophisticated filter and the most advanced
More results

Similar Description - EL731-04-X0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGR-8800 LITTELFUSE-PGR-8800 Datasheet
480Kb / 2P
   The PGR-8800 is a microprocessor-based
SE-701 LITTELFUSE-SE-701 Datasheet
2Mb / 1P
   The SE-701 is a microprocessor-based
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
   The SIO-RTD is a microprocessor-based
SE-134C LITTELFUSE-SE-134C Datasheet
310Kb / 1P
   The SE-134C/SE-135 is a microprocessor-based
SE-601 LITTELFUSE-SE-601 Datasheet
2Mb / 1P
   The SE-601 is a microprocessor-based ground-fault
SE-703 LITTELFUSE-SE-703 Datasheet
298Kb / 1P
   The SE-703 is a microprocessor-based earth-fault
SE-704 LITTELFUSE-SE-704 Datasheet
370Kb / 1P
   The SE-704 is a microprocessor-based ground-fault relay
logo
STMicroelectronics
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
UM1771 STMICROELECTRONICS-UM1771 Datasheet
1Mb / 38P
   The EVAL6474H-DISC is a low cost development tool based
logo
Guangdong Youtai Semico...
BSD5C031V UMW-BSD5C031V Datasheet
380Kb / 4P
   Microprocessor based equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com