Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52744SP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M52744SP
Description  I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52744SP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M52744SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52744SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MITSUBISHI ICs (Monitor)
M52743SP/M52744SP
I2C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
9
PDCH Pedestal voltage temperature characteristics1
Measure the pedestal voltage at 25
°C. The measured value is
called PDC1.
Measure the pedestal voltage at temperature of -20
°C.
The measured value is called PDC2.
Pedestal voltage temperature characteristics 1 is calculated by the
equation below:
PDCH=PDC1-PDC2
PDCL Pedestal voltage temperature characteristics2
Measure the pedestal voltage at 25
°C. The measured value is
called PDC1.
Measure the pedestal voltage at temperature of 75
°C.
The measured value is called PDC3.
Pedestal voltage temperature characteristics 2 is calculated by the
equation below:
PDCL=PDC1-PDC3
OTr OSD pulse characteristics1
Measure the time needed for the output pulse to rise from 10% to
90% (OTR) with an active prove.
OTf OSD pulse characteristics2
Measure the time needed for the output pulse to fall from 90% to
10% (OTF) with an active prove.
Oaj1 OSD adjust control characteristics1
Measure the amplitude output at OUT (29, 32, 35). The measured
value is called VOUT (29,32,35), and is treated as Oaj1.
∆Oaj1 OSD adjust control relative characteristics1
Relative characteristics
∆Oaj1 is calculated by the equation below:
∆Oaj1=VOUT (29)/VOUT (32),
VOUT (32)/VOUT (35),
VOUT (35)/VOUT (29)
Oaj2 OSD adjust control characteristics2
Measuring condition and procedure are the same as described in
Oaj1.
∆Oaj2 OSD adjust control relative characteristics2
Measuring condition and procedure are the same as described in
∆Oaj1.
Oaj3 OSD adjust control characteristics3
Measuring condition and procedure are the same as described in
Oaj1.
∆Oaj3 OSD adjust control relative characteristics3
Measuring condition and procedure are the same as described in
∆Oaj1.
VthOSD OSD input threshold voltage
Reduce the SG6 input level gradually, monitoring output. Measure
the SG6 level when the output reaches 0V. The measured value is
called VthOSD.
VthBLK OSD BLK input threshold voltage
Confirm that output signal is being blanked by the SG6 at the time.
Monitoring to output signal, decreasing the level of SG6. Measure
the top level of SG6 when the blanking period is disappeared. The
measured value is called VthBLK.
HBLK1 Retrace BLK characteristics1
Measure the amplitude output is blanked by the SG7 at OUT (29,
32, 35). The measured value is called VOUT (29, 32, 35), and is
treated as HBLK1.
HBLK2 Retrace BLK characteristics2
Measure the amplitude output is blanked by the SG7 at OUT (29,
32, 35). The measured value is called VOUT (29, 32, 35), and is
treated as HBLK2.
HBLK3 Retrace BLK characteristics3
Measure the amplitude output is blanked by the SG7 at OUT (29,
32, 35). The measured value is called VOUT (29, 32, 35), and is
treated as HBLK3.
VthRET Retrace BLK input threshold voltage
Confirm that output signal is being blanked by the SG7 at the time.
Monitoring to output signal, decreasing the level of SG7. Measure
the top level of SG7 when the blanking period is disappeared. The
measured value is called VthRET.
SS-NV SOG input maximum noize voltage
The sync's amplitude of SG4 be changed all white into all black,
increase from 0VP-P to 0.02VP-P. No pulse output permitted.
SS-SV SOG minimum input voltage
The sync's amplitude of SG4 be changed all white or all black,
decrease from 0.3VP-P to 0.2VP-P. Confirm no malfunction produced
by noise.
VSH Sync output hi level
Measure the high voltage at SyncOUT. The measured value is
treated as VSH.
VSL Sync output lo level
Measure the low voltage at SyncOUT. The measured value is
treated as VSL.


Similar Part No. - M52744SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
More results

Similar Description - M52744SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
   160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
logo
Mitsubishi Electric Sem...
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
   BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
   2-Channel Preamplifier
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com