Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ1026 Datasheet(PDF) 2 Page - Littelfuse

Part # AQ1026
Description  AEC-Q101 qualified
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AQ1026 Datasheet(HTML) 2 Page - Littelfuse

  AQ1026 Datasheet HTML 1Page - Littelfuse AQ1026 Datasheet HTML 2Page - Littelfuse AQ1026 Datasheet HTML 3Page - Littelfuse AQ1026 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 04/07/16
TVS Diode Arrays (SPA® Diodes)
SP1007 Series
General Purpose ESD Protection - SP1026 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Pulse Current (t
p=8/20μs)
5
A
T
OP
Operating Temperature
-40 to 125
°C
T
STOR
Storage Temperature
-55 to 150
°C
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 30s)
260
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
6.0
V
Breakdown Voltage
V
BR
I
R=1mA (Pin 1 to 2)
7.8
V
Leakage Current
I
LEAK
V
R=5V
0.1
0.5
μA
Clamp Voltage1
V
C
I
pp=1A, tp=8/20µs (Pin 1 to 2)
12.0
V
I
pp=2A, tp=8/20µs (Pin 1 to 2)
13.4
V
Dynamic Resistance
R
DYN
(V
C2 - VC1) / (IPP2 - IPP1)
1.4
Ω
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact Discharge)
±30
kV
IEC61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
D
Reverse Bias=0V
15
pF
Reverse Bias=2.5V
12
pF
Note: 1 Parameter is guaranteed by design and/or device characterization.
Capacitance vs. Reverse Bias
0
5
10
15
20
00.5 11.5 22.5 33.544.5 5
Bias Voltage (V)
Insertion Loss (S21) I/O to GND
-30
-25
-20
-15
-5
0
-10
10
100
1000
Frequency (MHz)
AQ1026 Series


Similar Part No. - AQ1026

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ102BY-C5-06-TRL ACUTECH-AQ102BY-C5-06-TRL Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ102BY-M5-06-TRL ACUTECH-AQ102BY-M5-06-TRL Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
More results

Similar Description - AQ1026

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
Alpha & Omega Semicondu...
AOBS30B65LN AOSMD-AOBS30B65LN Datasheet
488Kb / 7P
   650V, 30A Alpha IGBTTM AEC-Q101 Qualified
Rev.4.0: March 2020
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com