Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2U64U1H2B0200 Datasheet(PDF) 2 Page - Unictron Technologies Corporation

Part # H2U64U1H2B0200
Description  ISM 868 MHz Ceramic Chip Antenna
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2U64U1H2B0200 Datasheet(HTML) 2 Page - Unictron Technologies Corporation

  H2U64U1H2B0200 Datasheet HTML 1Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 2Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 3Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 4Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 5Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 6Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 7Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 8Page - Unictron Technologies Corporation H2U64U1H2B0200 Datasheet HTML 9Page - Unictron Technologies Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Datasheet: AA701-H2U64U1H2B0200
Page 2 / 16
Unique Electronics You Need
Table of Contents
1
Introduction..................................................................................................... 3
2
Electrical Characteristics ................................................................................. 4
2.1
Table with electrical properties: ................................................................ 4
2.2
Return Loss (S11) ........................................................................................ 5
2.3
VSWR (S11) ................................................................................................. 5
2.4
Efficiency Table.......................................................................................... 6
2.5
Efficiency vs. Frequency............................................................................. 6
2.6
Radiation Pattern (with 80x40mm2 Evaluation Board)............................... 7
3
Layout............................................................................................................. 8
3.1
Antenna Dimensions.................................................................................. 8
3.2
Evaluation Board with Antenna ................................................................. 9
3.3
Solder Land Pattern ................................................................................. 10
4
Frequency tuning .......................................................................................... 11
4.1
Reference for frequency tuning element................................................. 12
5
Packing ......................................................................................................... 13
6
Notes ............................................................................................................. 14
6.1
Typical Soldering Profile for Lead-free Process ........................................ 14
6.2
Operating and storage conditions: .......................................................... 15
6.3
Installation guide: .................................................................................... 15
6.4
Reminders for users of Unictron’s AA055A ceramic chip antennas ......... 15
Introduction Electrical Characteristics
Radiation Pattern Layout
Tuning
Packing
Notes


Similar Part No. - H2U64U1H2B0200

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U64U1H2C0200 UNICTRON-H2U64U1H2C0200 Datasheet
723Kb / 16P
   ISM 915 MHz Ceramic Chip Antenna
More results

Similar Description - H2U64U1H2B0200

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3013 PULSE-W3013 Datasheet
1Mb / 5P
   ISM 868 MHz Ceramic Antenna
logo
AVX Corporation
M620720 AVX-M620720 Datasheet
503Kb / 7P
   ISM 868 & 915 MHz Embedded Ceramic Antenna
11/15/2018
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Abracon Corporation
ACAG1204-868-T ABRACON-ACAG1204-868-T Datasheet
1Mb / 4P
   868 MHz Ceramic Chip Antenna
11.12.2018
ACAG1204-868-EVB ABRACON-ACAG1204-868-EVB Datasheet
1Mb / 4P
   868 MHz Ceramic Chip Antenna Evaluation Board
08-20-19
logo
Unictron Technologies C...
H2U64U1H2C0200 UNICTRON-H2U64U1H2C0200 Datasheet
723Kb / 16P
   ISM 915 MHz Ceramic Chip Antenna
logo
Molex Electronics Ltd.
1052620002 MOLEX11-1052620002 Datasheet
29Kb / 1P
   ISM 868/915 MHz Antenna, 150.00mm Cable Length
1052620003 MOLEX11-1052620003 Datasheet
29Kb / 1P
   ISM 868/915 MHz Antenna, 200.00mm Cable Length
1052620001 MOLEX11-1052620001 Datasheet
30Kb / 1P
   ISM 868/915 MHz Antenna, 100.00mm Cable Length
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com