Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9115 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM9115
Description  SDTV Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9115 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM9115 Datasheet HTML 1Page - SG Micro Corp SGM9115 Datasheet HTML 2Page - SG Micro Corp SGM9115 Datasheet HTML 3Page - SG Micro Corp SGM9115 Datasheet HTML 4Page - SG Micro Corp SGM9115 Datasheet HTML 5Page - SG Micro Corp SGM9115 Datasheet HTML 6Page - SG Micro Corp SGM9115 Datasheet HTML 7Page - SG Micro Corp SGM9115 Datasheet HTML 8Page - SG Micro Corp SGM9115 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Triple, 9MHz, 3rd-Order
SDTV Video Filter Driver
2
SGM9115
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
PACKAGE
OPTION
MARKING
INFORMATION
SGM9115XS/TR
SOIC-8
-40
℃ to +125℃
Tape and Reel, 2500
SGM9115XS
PIN CONFIGURATION (TOP VIEW)
OUT2
OUT1
GND
IN1
1
2
3
4
5
6
7
8
IN2
IN3
+VS
OUT3
SGM9115
SOIC-8
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, GND to +VS.............................................7.5V
Input Voltage................................GND - 0.3 V to (+VS) + 0.3V
Storage Temperature Range .........................-65
℃ to +150℃
Junction Temperature ................................................... 160
Operating Temperature Range...................... -40
℃ to +125℃
Power Dissipation, PD @ TA = 25
SOIC-8 ...........................................................................0.8W
Package Thermal Resistance
SOIC-8, θJA............................................................... 128
℃/W
Lead Temperature Range (Soldering 10 sec)
.......................................................................................260
ESD Susceptibility
HBM...............................................................................8000V
MM...................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device
at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
IN1
Video Input. Channel 1.
2
IN2
Video Input. Channel 2.
3
IN3
Video Input. Channel 3.
4
+VS
Power Supply.
5
GND
Ground.
6
OUT3
Filtered Output. Channel 3.
7
OUT2
Filtered Output. Channel 2.
8
OUT1
Filtered Output. Channel 1.
CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends that
all integrated circuits be handled with appropriate precautions.
Failure
to
observe
proper
handling
and
installation
procedures can cause damage. ESD damage can range from
subtle performance degradation to complete device failure.
Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause
the device not to meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary
without notice at any time. Please contact SGMICRO sales
office to get the latest datasheet.


Similar Part No. - SGM9115

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9115 SGMICRO-SGM9115 Datasheet
510Kb / 9P
   Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
SGM9115XS SGMICRO-SGM9115XS Datasheet
510Kb / 9P
   Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
SGM9115XS/TR SGMICRO-SGM9115XS/TR Datasheet
510Kb / 9P
   Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
SGM9115ZS SGMICRO-SGM9115ZS Datasheet
510Kb / 9P
   Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
SGM9115ZS/TR SGMICRO-SGM9115ZS/TR Datasheet
510Kb / 9P
   Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
More results

Similar Description - SGM9115

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8615 AGAMEM-AA8615 Datasheet
39Kb / 1P
   Triple, SDTV Video Filter Drivers
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
logo
SG Micro Corp
SGM9123 SGMICRO-SGM9123 Datasheet
545Kb / 9P
   Triple, 8MHz, 3rd Order SDTV Video Filter Drivers
logo
Analog Devices
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
logo
SG Micro Corp
SGM9115 SGMICRO-SGM9115 Datasheet
510Kb / 9P
   Triple, 9MHz, 3rd Order SDTV Video Filter Drivers
logo
Analog Devices
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com