Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9114 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM9114
Description  8MHz, 5th-Order Video Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9114 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM9114 Datasheet HTML 1Page - SG Micro Corp SGM9114 Datasheet HTML 2Page - SG Micro Corp SGM9114 Datasheet HTML 3Page - SG Micro Corp SGM9114 Datasheet HTML 4Page - SG Micro Corp SGM9114 Datasheet HTML 5Page - SG Micro Corp SGM9114 Datasheet HTML 6Page - SG Micro Corp SGM9114 Datasheet HTML 7Page - SG Micro Corp SGM9114 Datasheet HTML 8Page - SG Micro Corp SGM9114 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
8MHz, 5th-Order Video Driver
SGM9114
with 6dB Gain
4
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(At VCC = 5V, RL = 150Ω connected to GND, VIN = 1VPP and CIN = 0.1μF, output AC-coupled, referenced to 400kHz, unless
otherwise noted.)
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
+25
340
570
Output Level Shift Voltage (VOLS)
VIN = 0V, No load
-40
℃ to +85℃
675
mV
+25
-285
-210
Input Voltage Clamp (VCLAMP)
IIN = -3.5mA
-40
℃ to +85℃
-390
mV
+25
-5.5
-4.8
Clamp Charge Current
VIN = VCLAMP - 100mV
-40
℃ to +85℃
-6.8
mA
+25
1.9
2.7
Clamp Discharge Current
VIN = 500mV
-40
℃ to +85℃
3.2
µA
+25
5.6
6
6.4
Voltage Gain (AV)
RL = 150Ω
-40
℃ to +85℃
5.55
6.45
dB
OUTPUT CHARACTERISTICS
+25
4.6
4.79
Output Voltage High Swing
VIN = 3.0V, RL = 150Ω to GND
-40
℃ to +85℃
4.5
V
+25
80
95
VIN = 1.5V, Out shorted to GND through
10Ω
-40
℃ to +85℃
77
mA
+25
-102
-87
Output Short-Circuit Current (ISC)
VIN = 0.5V, Out shorted to VCC through
10Ω
-40
℃ to +85℃
-78
mA
POWER SUPPLY
Operating Voltage Range (VCC)
+25
3.0
5.5
V
+25
40
50
Power Supply Rejection Ratio (PSRR)
VCC = 3.5V to 5.0V
-40
℃ to +85℃
38
dB
+25
6
9.5
Quiescent Current (IQ)
VIN = 0.5V, DISABLE = VCC, RL = 0Ω
-40
℃ to +85℃
11.5
mA
+25
0.1
18
Supply Current when Disabled
DISABLE = 0V
-40
℃ to +85℃
20
μA
DYNAMIC PERFORMANCE
-0.1dB Bandwidth
+25
6
MHz
-3dB Bandwidth
+25
8
MHz
Filter Response (Normalized Gain)
fIN = 27MHz
+25
47
dB
Slew Rate
2V Output step, 80% to 20%
+25
35
V/µs
PAL DC-coupled
+25
0.85
%
Differential Gain Error (DG)
PAL AC-coupled
+25
0.85
%
PAL DC-coupled
+25
1
°
Differential Phase Error (DP)
PAL AC-coupled
+25
1.4
°
Group Delay Variation (D/DT)
Difference between 400kHz and 6.5MHz
+25
28
ns
Fall Time
2V Output step, 80% to 20%
+25
34
ns
Rise Time
2V Output step, 80% to 20%
+25
33
ns
POWER-DOWN DISABLE
DISABLE (Logic-Low Threshold)
VCC = 5V
+25
0.4
V
DISABLE (Logic-High Threshold)
VCC = 5V
+25
1.2
V


Similar Part No. - SGM9114

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
   Video Driver with 6dB Gain
More results

Similar Description - SGM9114

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9113 SGMICRO-SGM9113 Datasheet
412Kb / 12P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9148 SGMICRO-SGM9148 Datasheet
431Kb / 10P
   5th-Order Video Driver
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
SGM9121 SGMICRO-SGM9121 Datasheet
313Kb / 11P
   5th-Order Video Driver with 6dB Gain
SGM9124 SGMICRO-SGM9124 Datasheet
290Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
REV. A. 2
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
SGM9123 SGMICRO-SGM9123 Datasheet
545Kb / 9P
   Triple, 8MHz, 3rd Order SDTV Video Filter Drivers
logo
Fairchild Semiconductor
AN-42041 FAIRCHILD-AN-42041 Datasheet
213Kb / 5P
   5th-Order S-Video Filter/Driver Reduces NTSC/PAL System Parts Count
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com