Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9111 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM9111
Description  8MHz Rail-to-Rail Composite Video Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9111 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM9111 Datasheet HTML 3Page - SG Micro Corp SGM9111 Datasheet HTML 4Page - SG Micro Corp SGM9111 Datasheet HTML 5Page - SG Micro Corp SGM9111 Datasheet HTML 6Page - SG Micro Corp SGM9111 Datasheet HTML 7Page - SG Micro Corp SGM9111 Datasheet HTML 8Page - SG Micro Corp SGM9111 Datasheet HTML 9Page - SG Micro Corp SGM9111 Datasheet HTML 10Page - SG Micro Corp SGM9111 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PACKAGE INFORMATION
TX10000.000
SG Micro Corp
www.sg-micro.com
TAPE AND REEL INFORMATION
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF TAPE AND REEL
Package Type
Reel
Diameter
Reel Width
W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1
Quadrant
SOIC-8
13″
12.4
6.4
5.4
2.1
4.0
8.0
2.0
12.0
Q1
SC70-5
7″
9.5
2.25
2.55
1.20
4.0
4.0
2.0
8.0
Q3
Reel Width (W1)
Reel Diameter
REEL DIMENSIONS
TAPE DIMENSIONS
DIRECTION OF FEED
P2
P0
W
P1
A0
K0
B0
Q1
Q2
Q4
Q3
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1


Similar Part No. - SGM9111

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111 Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111YS SGMICRO-SGM9111YS Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111YS/TR SGMICRO-SGM9111YS/TR Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111ZS SGMICRO-SGM9111ZS Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111ZS/TR SGMICRO-SGM9111ZS/TR Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
More results

Similar Description - SGM9111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9110 SGMICRO-SGM9110 Datasheet
542Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111 Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com