Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8633 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8633
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8633 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8633 Datasheet HTML 1Page - SG Micro Corp SGM8633 Datasheet HTML 2Page - SG Micro Corp SGM8633 Datasheet HTML 3Page - SG Micro Corp SGM8633 Datasheet HTML 4Page - SG Micro Corp SGM8633 Datasheet HTML 5Page - SG Micro Corp SGM8633 Datasheet HTML 6Page - SG Micro Corp SGM8633 Datasheet HTML 7Page - SG Micro Corp SGM8633 Datasheet HTML 8Page - SG Micro Corp SGM8633 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6MHz, Rail-to-Rail I/O
SGM8631/2/3
CMOS Operational Amplifiers
ELECTRICAL CHARACTERISTICS
(At TA = +25
℃, VS = +5V, VCM = VS/2, RL= 600Ω, unless otherwise noted.)
PARAMETER
CONDITIONS
SGM8631/2/3
TYP
MIN/MAX OVER TEMPERATURE
+25℃
+25℃
-40℃ to
+85℃
-40℃ to
+125℃
UNITS
MIN/
MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
0.9
3.5
3.7
3.8
mV
MAX
Input Bias Current (IB)
1
pA
TYP
Input Offset Current (IOS)
1
pA
TYP
Input Common Mode Voltage Range
(VCM)
VS = 5.5V
-0.1to5.6
V
TYP
Common Mode Rejection Ratio
(CMRR)
VS = 5.5V, VCM = -0.1V to 4V
84
68
67
66
dB
MIN
VS = 5.5V, VCM = -0.1V to 5.6V
76
dB
MIN
Open-Loop Voltage Gain (AOL)
RL = 600Ω, VO = 0.15V to 4.85V
86
79
73
69
dB
MIN
RL = 10kΩ, VO = 0.05V to 4.95V
103
dB
MIN
Input Offset Voltage Drift (ΔVOS/ΔT)
2.4
μV/
TYP
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
RL = 600Ω
0.079
V
TYP
RL = 10kΩ
0.007
V
TYP
Output Current (IOUT)
58
40
30
26
mA
MIN
Closed-Loop Output Impedance
f = 200kHz, G = 1
5.4
Ω
TYP
POWER-DOMN DISABLE (SGM8633 ONLY)
Turn-On Time
1.3
μs
TYP
Turn-Off Time
0.4
μs
TYP
DISABLE Voltage-Off
0.8
V
MAX
DISABLE Voltage-On
2
V
MIN
POWER SUPPLY
Operating Voltage Range
2
2
2
2
V
MIN
5.5
5.5
5.5
5.5
V
MAX
Power Supply Rejection Ratio (PSRR)
VS = 2V to 5.5V,
VCM = (-VS) + 0.5V
84
69
68
67
dB
MIN
Quiescent Current/
Amplifier (IQ)
SGM8632
IOUT = 0
480
620
720
790
μA
MAX
SGM8631/3
IOUT = 0
570
720
820
880
μA
MAX
Supply Current when Disabled
(SGM8633 only)
0.5
8
9
10
μA
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
6
MHz
TYP
Phase Margin (φO)
63
°
TYP
Full Power Bandwidth (BWP)
<1% distortion
250
kHz
TYP
Slew Rate (SR)
G=1, 2V output step
3.7
V/μs
TYP
Settling Time to 0.1% (tS)
G=1, 2V output step
0.5
μs
TYP
Overload Recovery Time
VIN × Gain = VS
0.9
μs
TYP
NOISE PERFORMANCE
Voltage Noise Density (en)
f = 1kHz
13
nV
/ Hz
TYP
SG Micro Corp
www.sg-micro.com
4


Similar Part No. - SGM8633

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8633 SGMICRO-SGM8633 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8633 SGMICRO-SGM8633 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8633XN6/TR SGMICRO-SGM8633XN6/TR Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8633XS SGMICRO-SGM8633XS Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8633XS/TR SGMICRO-SGM8633XS/TR Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8633

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com