Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8624 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8624
Description  Rail-to-Rail I/O CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8624 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8624 Datasheet HTML 6Page - SG Micro Corp SGM8624 Datasheet HTML 7Page - SG Micro Corp SGM8624 Datasheet HTML 8Page - SG Micro Corp SGM8624 Datasheet HTML 9Page - SG Micro Corp SGM8624 Datasheet HTML 10Page - SG Micro Corp SGM8624 Datasheet HTML 11Page - SG Micro Corp SGM8624 Datasheet HTML 12Page - SG Micro Corp SGM8624 Datasheet HTML 13Page - SG Micro Corp SGM8624 Datasheet HTML 14Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
3MHz, Rail-to-Rail I/O
SGM8621/2/3/4
CMOS Operational Amplifiers
APPLICATION NOTES
Driving Capacitive Loads
The SGM8621/2/3/4 can directly drive 1000pF in
unity-gain without oscillation. The unity-gain follower
(buffer) is the most sensitive configuration to capacitive
loading. Direct capacitive loading reduces the phase
margin of amplifiers and this results in ringing or even
oscillation. Applications that require greater capacitive
driving capability should use an isolation resistor
between the output and the capacitive load like the
circuit in Figure 1. The isolation resistor RISO and the
load capacitor CL form a zero to increase stability. The
bigger the RISO resistor value, the more stable VOUT will
be. Note that this method results in a loss of gain
accuracy because RISO forms a voltage divider with the
RLOAD.
VIN
VOUT
SGM8621
CL
RISO
Figure 1. Indirectly Driving Heavy Capacitive Load
An improved circuit is shown in Figure 2. It provides DC
accuracy as well as AC stability. RF provides the DC
accuracy by connecting the inverting input with the
output. CF and RIso serve to counteract the loss of
phase margin by feeding the high frequency
component of the output signal back to the amplifier’s
inverting input, thereby preserving phase margin in the
overall feedback loop.
VIN
VOUT
SGM8621
CL
RISO
RL
RF
CF
Figure 2. Indirectly Driving Heavy Capacitive Load with
DC Accuracy
For non-buffer configuration, there are two other ways
to increase the phase margin: (a) by increasing the
amplifier’s closed-loop gain or (b) by placing a
capacitor in parallel with the feedback resistor to
counteract the parasitic capacitance associated with
inverting node.
Power-Supply Bypassing and Layout
The SGM8621/2/3/4 operate from either a single +2V to
+5.5V supply or dual ±1V to ±2.75V supplies. For
single-supply operation, bypass the power supply +VS
with a 0.1µF ceramic capacitor which should be placed
close to the +VS pin. For dual-supply operation, both
the +VS and the -VS supplies should be bypassed to
ground with separate 0.1µF ceramic capacitors. 2.2µF
tantalum capacitor can be added for better
performance.
Good
PC
board
layout
techniques
optimize
performance by decreasing the amount of stray
capacitance at the op amp’s inputs and output. To
decrease stray capacitance, minimize trace lengths and
widths by placing external components as close to the
device as possible. Use surface-mount components
whenever possible.
For the operational amplifier, soldering the part to the
board directly is strongly recommended. Try to keep the
high frequency current loop area small to minimize the
EMI (electromagnetic interfacing).
SGM8621
+VS
Vn
Vp
-VS
VOUT
10µF
0.1µF
10µF
0.1µF
SGM8621
Vn
Vp
+VS
-VS (GND)
VOUT
10µF
0.1µF
Figure 3. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for SGM8621/2/3/4
circuit design. The length of the current path in an
inductive ground return will create an unwanted voltage
noise. Broad ground plane areas will reduce the
parasitic inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output
signal traces should not be in parallel. This helps
reduce unwanted positive feedback.
SG Micro Corp
www.sg-micro.com
10


Similar Part No. - SGM8624

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8624XS SGMICRO-SGM8624XS Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8624XS/TR SGMICRO-SGM8624XS/TR Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8624XTS SGMICRO-SGM8624XTS Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - SGM8624

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com