Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4996 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM4996
Description  1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4996 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM4996_17 Datasheet HTML 4Page - SG Micro Corp SGM4996_17 Datasheet HTML 5Page - SG Micro Corp SGM4996_17 Datasheet HTML 6Page - SG Micro Corp SGM4996_17 Datasheet HTML 7Page - SG Micro Corp SGM4996_17 Datasheet HTML 8Page - SG Micro Corp SGM4996_17 Datasheet HTML 9Page - SG Micro Corp SGM4996_17 Datasheet HTML 10Page - SG Micro Corp SGM4996_17 Datasheet HTML 11Page - SG Micro Corp SGM4996_17 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1.3W Fully Differential Audio Power
SGM4996
Amplifier with Selectable Shutdown
8
MARCH 2017
SG Micro Corp
www.sg-micro.com
APPLICATION CIRCUITS
_
+
Bias
Circuitry
RL = 8Ω
Bypass
IN+
RI
20kΩ
CI
0.39µF
CB
1µF (Optional)
RI
20kΩ
CI
0.39µF
VO-
VO+
To
Battery
CS
1µF
VCC
GND
IN-
RF
20kΩ
RF
20kΩ
SD SELECT
SD MODE
Shutdown
Control
VCC /2
SD MODE
SD SELECT
Shutdown
On
0
0
0
0
1
1
1
1
Shutdown Control
Status
On
Shutdown
10kΩ
10kΩ
To External Power
Supply or Control I/O
NOTE: A
10kΩ resistor must be serially connected to SD SELECT or SD MODE pin.
Figure 1. Typical Differential Input Application Schematic


Similar Part No. - SGM4996_17

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996 Datasheet
355Kb / 16P
   Amplifier with Selectable Shutdown
More results

Similar Description - SGM4996_17

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4895 SGMICRO-SGM4895_17 Datasheet
1Mb / 13P
   1.3W Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
STMicroelectronics
AN2474 STMICROELECTRONICS-AN2474 Datasheet
145Kb / 7P
   TS4995 1.2W fully differential audio power amplifier with selectable
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com