Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C16 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28C16
Description  16K (2K x 8) Parallel EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C16 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28C16 Datasheet HTML 4Page - ATMEL Corporation AT28C16 Datasheet HTML 5Page - ATMEL Corporation AT28C16 Datasheet HTML 6Page - ATMEL Corporation AT28C16 Datasheet HTML 7Page - ATMEL Corporation AT28C16 Datasheet HTML 8Page - ATMEL Corporation AT28C16 Datasheet HTML 9Page - ATMEL Corporation AT28C16 Datasheet HTML 10Page - ATMEL Corporation AT28C16 Datasheet HTML 11Page - ATMEL Corporation AT28C16 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AT28C16
9
Notes:
1. See Valid Part Numbers table below.
2. The 28C16 200 ns and 250 ns speed selections have been removed from valid selections table and are replaced by the
faster 150 ns T
AA offering.
3. The 28C16 ceramic package offerings have been removed. New designs should utilize the 28C256 ceramic offerings.
Ordering Information(1)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
30
0.1
AT28C16(E)-15JC
AT28C16(E)-15PC
AT28C16(E)-15SC
32J
24P6
24S
Commercial
(0
°C to 70°C)
45
0.1
AT28C16(E)-15JI
AT28C16(E)-15PI
AT28C16(E)-15SI
32J
24P6
24S
Industrial
(-40
°C to 85°C)
Valid Part Numbers
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C16
15
JC, JI, PC, PI, SC, SI
AT28C16E
15
JC, JI, PC, PI, SC, SI
AT28C16
-W
Die Products
Reference Section: Parallel EEPROM Die Products
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
24P6
24 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
24S
24 Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
W
Die
Options
Blank
Standard Device:
Endurance = 10K Write Cycles; Write Time = 1 ms
E
High Endurance Option: Endurance = 100K Write Cycles; Write Time = 200
µs


Similar Part No. - AT28C16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
290Kb / 8P
   16K 2K x 8 PCMCIA Nonvolatile Attribute Memory
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16 ATMEL-AT28C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16-15 ATMEL-AT28C16-15 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
More results

Similar Description - AT28C16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
   16K (2K x 8) UV ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com