Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB540A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # P6SMB540A
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P6SMB540A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  P6SMB540A Datasheet HTML 1Page - Bourns Electronic Solutions P6SMB540A Datasheet HTML 2Page - Bourns Electronic Solutions P6SMB540A Datasheet HTML 3Page - Bourns Electronic Solutions P6SMB540A Datasheet HTML 4Page - Bourns Electronic Solutions P6SMB540A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
P6SMBTransientVoltageSuppressorDiodeSeries
Rating & Characteristic Curves
Pulse Derating Curve
Maximum Non-Repetitive Surge Current
Pulse Waveform
Typical Junction Capacitance
Pulse Rating Curve
Steady State Power Derating Curve
100
75
50
25
0
050
25
75
100
150
125
175
200
AmbientTemperature(°C)
5.0
3.0
4.0
2.0
1.0
0.0
050
25
75
100
150
125
175
200
TL,LeadTemperature(°C)
60HzResistiveor
InductiveLoad
100
50
0
0
1.0
2.0
3.0
4.0
T,Time(ms)
TA=25°C
TP
TR=10µs
Halfvalue= IRSM
2
Peakvalue(IRSM)
Pulsewidth(TP)
isdefinedasthatpoint
wherethepeakcurrent
decaysto50%ofIPSM.
10x1000waveform
asdefinedbyR.E.A.
120
80
100
60
40
20
0
1
25
10
20
50
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
100
10
1.0
0.1
0.1µs
1.0µs
10µs
10ms
TP,PulseWidth
100µs
1.0ms
TA=25°C
Non-repetitive
PulseWaveform
ShowninPulseWaveformGraph
1
10
100
1000
10000
10
1
100
1000
BidirectionalV=0V
UnidirectionalV=0V
Bidirectional@VR
Unidirectional@VR
T=25°C
f=1.0MHz
Vsig=50mVp-p
V BR-ReverseBreakdownVoltage(V)
100
75
50
25
0
050
25
75
100
150
125
175
200
AmbientTemperature(°C)
5.0
3.0
4.0
2.0
1.0
0.0
050
25
75
100
150
125
175
200
TL,LeadTemperature(°C)
60HzResistiveor
InductiveLoad
100
50
0
0
1.0
2.0
3.0
4.0
T,Time(ms)
TA=25°C
TP
TR=10µs
Halfvalue= IRSM
2
Peakvalue(IRSM)
Pulsewidth(TP)
isdefinedasthatpoint
wherethepeakcurrent
decaysto50%ofIPSM.
10x1000waveform
asdefinedbyR.E.A.
120
80
100
60
40
20
0
1
25
10
20
50
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
100
10
1.0
0.1
0.1µs
1.0µs
10µs
10ms
TP,PulseWidth
100µs
1.0ms
TA=25°C
Non-repetitive
PulseWaveform
ShowninPulseWaveformGraph
1
10
100
1000
10000
10
1
100
1000
BidirectionalV=0V
UnidirectionalV=0V
Bidirectional@VR
Unidirectional@VR
T=25°C
f=1.0MHz
Vsig=50mVp-p
V BR-ReverseBreakdownVoltage(V)
100
75
50
25
0
050
25
75
100
150
125
175
200
AmbientTemperature(°C)
5.0
3.0
4.0
2.0
1.0
0.0
050
25
75
100
150
125
175
200
TL,LeadTemperature(°C)
60HzResistiveor
InductiveLoad
100
50
0
0
1.0
2.0
3.0
4.0
T,Time(ms)
TA=25°C
TP
TR=10µs
Halfvalue= IRSM
2
Peakvalue(IRSM)
Pulsewidth(TP)
isdefinedasthatpoint
wherethepeakcurrent
decaysto50%ofIPSM.
10x1000waveform
asdefinedbyR.E.A.
120
80
100
60
40
20
0
1
25
10
20
50
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
100
10
1.0
0.1
0.1µs
1.0µs
10µs
10ms
TP,PulseWidth
100µs
1.0ms
TA=25°C
Non-repetitive
PulseWaveform
ShowninPulseWaveformGraph
1
10
100
1000
10000
10
1
100
1000
BidirectionalV=0V
UnidirectionalV=0V
Bidirectional@VR
Unidirectional@VR
T=25°C
f=1.0MHz
Vsig=50mVp-p
V BR-ReverseBreakdownVoltage(V)
100
75
50
25
0
050
25
75
100
150
125
175
200
AmbientTemperature(°C)
5.0
3.0
4.0
2.0
1.0
0.0
050
25
75
100
150
125
175
200
TL,LeadTemperature(°C)
60HzResistiveor
InductiveLoad
100
50
0
0
1.0
2.0
3.0
4.0
T,Time(ms)
TA=25°C
TP
TR=10µs
Halfvalue= IRSM
2
Peakvalue(IRSM)
Pulsewidth(TP)
isdefinedasthatpoint
wherethepeakcurrent
decaysto50%ofIPSM.
10x1000waveform
asdefinedbyR.E.A.
120
80
100
60
40
20
0
1
25
10
20
50
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
100
10
1.0
0.1
0.1µs
1.0µs
10µs
10ms
TP,PulseWidth
100µs
1.0ms
TA=25°C
Non-repetitive
PulseWaveform
ShowninPulseWaveformGraph
1
10
100
1000
10000
10
1
100
1000
BidirectionalV=0V
UnidirectionalV=0V
Bidirectional@VR
Unidirectional@VR
T=25°C
f=1.0MHz
Vsig=50mVp-p
V BR-ReverseBreakdownVoltage(V)
100
75
50
25
0
050
25
75
100
150
125
175
200
AmbientTemperature(°C)
5.0
3.0
4.0
2.0
1.0
0.0
050
25
75
100
150
125
175
200
TL,LeadTemperature(°C)
60HzResistiveor
InductiveLoad
100
50
0
0
1.0
2.0
3.0
4.0
T,Time(ms)
TA=25°C
TP
TR=10µs
Halfvalue= IRSM
2
Peakvalue(IRSM)
Pulsewidth(TP)
isdefinedasthatpoint
wherethepeakcurrent
decaysto50%ofIPSM.
10x1000waveform
asdefinedbyR.E.A.
120
80
100
60
40
20
0
1
25
10
20
50
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
100
10
1.0
0.1
0.1µs
1.0µs
10µs
10ms
TP,PulseWidth
100µs
1.0ms
TA=25°C
Non-repetitive
PulseWaveform
ShowninPulseWaveformGraph
1
10
100
1000
10000
10
1
100
1000
BidirectionalV=0V
UnidirectionalV=0V
Bidirectional@VR
Unidirectional@VR
T=25°C
f=1.0MHz
Vsig=50mVp-p
V BR-ReverseBreakdownVoltage(V)
100
75
50
25
0
050
25
75
100
150
125
175
200
AmbientTemperature(°C)
5.0
3.0
4.0
2.0
1.0
0.0
050
25
75
100
150
125
175
200
TL,LeadTemperature(°C)
60HzResistiveor
InductiveLoad
100
50
0
0
1.0
2.0
3.0
4.0
T,Time(ms)
TA=25°C
TP
TR=10µs
Halfvalue= IRSM
2
Peakvalue(IRSM)
Pulsewidth(TP)
isdefinedasthatpoint
wherethepeakcurrent
decaysto50%ofIPSM.
10x1000waveform
asdefinedbyR.E.A.
120
80
100
60
40
20
0
1
25
10
20
50
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
100
10
1.0
0.1
0.1µs
1.0µs
10µs
10ms
TP,PulseWidth
100µs
1.0ms
TA=25°C
Non-repetitive
PulseWaveform
ShowninPulseWaveformGraph
1
10
100
1000
10000
10
1
100
1000
BidirectionalV=0V
UnidirectionalV=0V
Bidirectional@VR
Unidirectional@VR
T=25°C
f=1.0MHz
Vsig=50mVp-p
V BR-ReverseBreakdownVoltage(V)
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Similar Part No. - P6SMB540A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6SMB540A WEITRON-P6SMB540A Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
P6SMB540A VISHAY-P6SMB540A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
logo
Microdiode Electronics ...
P6SMB540A CHENDA-P6SMB540A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Vishay Siliconix
P6SMB540A VISHAY-P6SMB540A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6SMB540A VISHAY-P6SMB540A Datasheet
108Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - P6SMB540A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com