Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB480A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # P6SMB480A
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P6SMB480A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  P6SMB480A Datasheet HTML 1Page - Bourns Electronic Solutions P6SMB480A Datasheet HTML 2Page - Bourns Electronic Solutions P6SMB480A Datasheet HTML 3Page - Bourns Electronic Solutions P6SMB480A Datasheet HTML 4Page - Bourns Electronic Solutions P6SMB480A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
RoHScompliant*andhalogenfree**
n
SurfaceMountSMBpackage
n
BreakdownVoltage:6.8to550volts
n
PeakPulsePower:600watts
n
Typicaltemperaturecoefficient:
∆VBR=0.1%xVBR@25°Cx∆T
Applications
n
IEC61000-4-2ESD(Min.Level4)
n
IEC61000-4-4EFT
n
IEC61000-4-5Surge
Maximum Characteristics (@ TA = 25 °C Unless Otherwise Noted)
P6SMBTransientVoltageSuppressorDiodeSeries
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2)
PPK
600
Watts
Peak Forward Surge Current
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage @ IPP = 50 A
(For Unidirectional Units Only)
P6SMB6.8A ~ P6SMB200A
P6SMB220A ~ P6SMB550A
VF
3.5
5.0
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2. Thermal Resistance Junction to Lead.
3. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AA (SMB)
size format. The Transient Voltage Suppressor series offers a choice of Breakdown Voltages from 6.8 V up to 550 V. Typical fast response
times are less than 1.0 picosecond for unidirectional devices and less than 5.0 picoseconds for bidirectional devices from 0 V to Minimum
Breakdown Voltage.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration
minimizes roll away.
How to Order
P6SMB 6.8 CA - H
Series
P6SMB= SMB/DO-214AA
Breakdown Voltage
6.8 to 550 = 6.8 to 550 VBD (Volts)
Suffix
A = 5 % Tolerance Unidirectional Device
CA = 5 % Tolerance Bidirectional Device
Reel
(blank) = 13 inch reel
-H = 7 inch reel
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Similar Part No. - P6SMB480A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
P6SMB480A AITSEMI-P6SMB480A Datasheet
409Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT
REV1.0
logo
Weitron Technology
P6SMB480A WEITRON-P6SMB480A Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
MERITEK ELECTRONICS COR...
P6SMB480A MERITEK-P6SMB480A Datasheet
262Kb / 4P
   Transient Voltage Suppressors
logo
Vishay Siliconix
P6SMB480A VISHAY-P6SMB480A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
logo
Guangdong Youtai Semico...
P6SMB480A UMW-P6SMB480A Datasheet
615Kb / 4P
   Low profile package
More results

Similar Description - P6SMB480A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com