Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP432R Datasheet(PDF) 1 Page - Anachip Corp

Part # AP432R
Description  Adjustable Precision Shunt Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432R Datasheet(HTML) 1 Page - Anachip Corp

  AP432R Datasheet HTML 1Page - Anachip Corp AP432R Datasheet HTML 2Page - Anachip Corp AP432R Datasheet HTML 3Page - Anachip Corp AP432R Datasheet HTML 4Page - Anachip Corp AP432R Datasheet HTML 5Page - Anachip Corp AP432R Datasheet HTML 6Page - Anachip Corp AP432R Datasheet HTML 7Page - Anachip Corp AP432R Datasheet HTML 8Page - Anachip Corp AP432R Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Sep.23, 2004
1/16
Features
- Precision reference voltage
AP432 : 1.24V ± 1%
AP432A : 1.24V ± 0.5%
- Sink current capability: 200mA.
- Minimum cathode current for regulation: 150µA
- Equivalent full-range temp coefficient: 30 ppm/
oC
- Fast turn-on Response.
- Low dynamic output impedance: 0.2Ω
- Programmable output voltage to 20v
- Low output noise
- Packages: SOT89, SOT23, SOT25, SOP8 and
TO92
General Description
The AP432/432A are 3-terminal adjustable precision
shunt
regulators
with
guaranteed
stable
temperature
over
the
applicable
extended
commercial temperature range. The output voltage
may be set at any level greater than 1.24\/ (VREF) up
to 20V merely by selecting two external resistors
that act as a voltage divider network. These devices
have a typical output impedance of 0.2Ω. Active
output circuitry provides very sharp turn-on
characteristics, making these devices excellent
improved replacements for Zener diodes in many
applications.
The precise +/- 1% reference voltage tolerance of
the AP432/432A make it possible in many
applications to avoid the use of a variable resistor,
consequently saving cost and eliminating drift and
reliability problems associated with it.
Ordering Information
A P 4 3 2 X X X X X
Package
Packing
Blank : Tube or bulk
A
: Taping
Reference Voltage
Operating Temp. Range
Blank : SOP-8L
Y
: SOT89-3L
V
: TO92-3L
W
: SOT23-3L
R
: SOT23-3L
Q
: SOT25
Blank : -20oC~85oC
I : -40oC~85oC
Lead Free
Blank : Normal
L : Lead Free Package
Tolerance:
Blank : 1.24V(+/-) 1%
A
: 1.24V(+/-) 0.5%
Typical Application Circuit
+
+
R2
R1
VOUT
VIN
VOUT = (1+R1/R2)VREF
Precision Regulator
Cin
Cout
AP432


Similar Part No. - AP432R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432R ANACHIP-AP432R Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432R DIODES-AP432R Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
logo
Anachip Corp
AP432RA ANACHIP-AP432RA Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432RG-13 DIODES-AP432RG-13 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
AP432RG-7 DIODES-AP432RG-7 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
More results

Similar Description - AP432R

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com