Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1415 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1415
Description  Integrated Circuit Color Compensation Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1415 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1415 Datasheet HTML 1Page - NTE Electronics NTE1415 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCC
Pin Connection Diagram
Color Crystal
Auto Color Switch Input
Color Crystal
To Chroma Processor
Auto Color Amp Output
GND
Color Track Switch
22pF Bypass
From Chroma Processor
From Chroma Processor
To Chroma Processor
To Chroma Processor
From Chroma Processor
1
2
3
4
5
6
7
14
13
12
11
10
9
8
.600 (15.24)
17
14
8
.300 (7.62)
.200
(5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95) Max


Similar Part No. - NTE1415

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1410 NTE-NTE1410 Datasheet
35Kb / 3P
   Integrated Circuit Chroma Video Signal Processor
NTE1412 NTE-NTE1412 Datasheet
22Kb / 2P
   Integrated Circuit Recording Video Signal Processor
NTE1413 NTE-NTE1413 Datasheet
27Kb / 3P
   Integrated Circuit Video IF Amplifier
NTE1414 NTE-NTE1414 Datasheet
23Kb / 3P
   Integrated Circuit Digital AC Clock Timer for VCR
NTE1416 NTE-NTE1416 Datasheet
36Kb / 5P
   Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV
More results

Similar Description - NTE1415

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5320 PANASONIC-AN5320 Datasheet
147Kb / 4P
   COLOR TV COLOR COMPENSATION CIRCUIT
logo
NTE Electronics
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
   Integrated Circuit Color TV Processing Circuit
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
NTE1797 NTE-NTE1797 Datasheet
18Kb / 2P
   Integrated Circuit Color TV Vertical Output Circuit
NTE1266 NTE-NTE1266 Datasheet
20Kb / 2P
   Integrated Circuit Color AGC Circuit for VCR
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
   Integrated Circuit Color ACC Circuit for VCR
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
NTE1539 NTE-NTE1539 Datasheet
21Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
NTE1130 NTE-NTE1130 Datasheet
27Kb / 3P
   Integrated Circuit Color TV Demodulator
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com