Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS3-XXXC-M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTVS3-XXXC-M
Description  High Current TVS Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS3-XXXC-M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTVS3-XXXC-M Datasheet HTML 1Page - Bourns Electronic Solutions PTVS3-XXXC-M Datasheet HTML 2Page - Bourns Electronic Solutions PTVS3-XXXC-M Datasheet HTML 3Page - Bourns Electronic Solutions PTVS3-XXXC-M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Exposed
DC
Power
Interface
+
-
120
0
0
25
50
100
75
125
150
175
Ambient Temperature (°C)
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
td = t
|IPP/2
110
100
90
80
70
60
50
40
30
20
10
12
2
4
6
8
10
-6
-4
-2
0
-8
-10
-12
-40
-20
0
20
40
60
80
100
120 140
Junction Temperature (°C)
Normalized
to 25 °C
PTVS3-xxxC-MSeriesHighCurrentTVSDiodes
Performance Graphs
V-I Characteristic
Typical VBR vs. Junction Temperature
Typical Surge Current Derating
Current 8/20 µs Waveform per IEC 61000-4-5
This graph shows the typical device surge current derating versus
ambient temperature when subjected to the 8/20 µs current waveform
per the IEC 61000-4-5 specification. This device is not intended for
continuous operation at temperatures above 125 °C.
Application
A typical application for Power TVS products
includes DC power line protection.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Exposed
DC
Power
Interface
+
-
120
0
0
25
50
100
75
125
150
175
Ambient Temperature (°C)
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
td = t
|IPP/2
110
100
90
80
70
60
50
40
30
20
10
12
2
4
6
8
10
-6
-4
-2
0
-8
-10
-12
-40
-20
0
20
40
60
80
100
120 140
Junction Temperature (°C)
Normalized
to 25 °C


Similar Part No. - PTVS3-XXXC-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M Datasheet
472Kb / 5P
   High Current TVS Diodes
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M Datasheet
228Kb / 5P
   PTVS3-xxxC-M Series High Current TVS Diodes
07/19
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M_18 Datasheet
472Kb / 5P
   High Current TVS Diodes
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M_V01 Datasheet
228Kb / 5P
   PTVS3-xxxC-M Series High Current TVS Diodes
07/19
More results

Similar Description - PTVS3-XXXC-M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS6-058C-SH BOURNS-PTVS6-058C-SH Datasheet
358Kb / 3P
   High Current TVS Diodes
PTVS10-058C-TH BOURNS-PTVS10-058C-TH Datasheet
230Kb / 3P
   High Current TVS Diodes
PTVS10-XXXC-M BOURNS-PTVS10-XXXC-M Datasheet
375Kb / 4P
   High Current TVS Diodes
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M_18 Datasheet
472Kb / 5P
   High Current TVS Diodes
PTVS3-058C-TH BOURNS-PTVS3-058C-TH Datasheet
243Kb / 3P
   High Current TVS Diodes
PTVS10-058C-SH BOURNS-PTVS10-058C-SH Datasheet
371Kb / 3P
   High Current TVS Diodes
PTVS10-XXXC-M BOURNS-PTVS10-XXXC-M_18 Datasheet
666Kb / 5P
   High Current TVS Diodes
PTVS6-XXXC-M BOURNS-PTVS6-XXXC-M Datasheet
375Kb / 4P
   High Current TVS Diodes
PTVS6-XXXC-M BOURNS-PTVS6-XXXC-M_18 Datasheet
470Kb / 5P
   High Current TVS Diodes
PTVS6-058C-TH BOURNS-PTVS6-058C-TH Datasheet
230Kb / 3P
   High Current TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com