Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9250A-223-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 9250A-223-RC
Description  Molded Axial Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9250A-223-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  9250A-223-RC Datasheet HTML 1Page - Bourns Electronic Solutions 9250A-223-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Formerlymodel
n
Shielded
n
HighQvalue
n
Inductancerange:0.1μHto8200μH
n
RoHScompliant*
Applications
n
Filters
n
Outputchokes
9250ASeriesMoldedAxialInductor
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Specifications
General Specifications
Temperature Rise ................ 35 °C at Idc
Rated Current
..... Inductance drop 5 % typical at Isat
Operating Temperature
................................-55 °C to +125 °C
Storage Temperature..............................
................................-55 °C to +125 °C
Dielectric Strength .................1000 Vrms
Materials
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Coating.................................Sn
Packaging
Standard..................1000 pcs. per bag
Optional......2500 pcs. per 12-inch reel
Electrical Schematic
How to Order
9250A - 102 - __ - RC
Model
Value Code
(See table)
Packaging Code
Blank = 1000 pcs./bag
TR = 2500 pcs./12-inch reel
Compliance Code
RC = RoHS compliant*
Examples:
• 9250A-151-RC=0.15μH packaged
1000pcs./bag.
• 9250A-681-TR-RC=0.68μH packaged
2500pcs./12-inchreel.
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(Ω)
Max.
Idc
(mA)
Isat
(mA)
(μH) Tol. (%)
9250A-101-RC
0.10
±10
50
25
250
0.025
1790
1790
9250A-121-RC
0.12
±10
51
25
250
0.034
1530
1530
9250A-151-RC
0.15
±10
51
25
250
0.037
1470
1470
9250A-181-RC
0.18
±10
50
25
250
0.047
1300
1300
9250A-221-RC
0.22
±10
49
25
250
0.067
1100
1100
9250A-271-RC
0.27
±10
47
25
250
0.11
855
855
9250A-331-RC
0.33
±10
46
25
250
0.13
780
780
9250A-391-RC
0.39
±10
44
25
250
0.18
670
670
9250A-471-RC
0.47
±10
44
25
235
0.25
565
565
9250A-561-RC
0.56
±10
43
25
210
0.33
490
490
9250A-681-RC
0.68
±10
42
25
190
0.45
420
420
9250A-821-RC
0.82
±10
50
25
180
0.59
370
370
9250A-102-RC
1.0
±10
40
25
140
0.07
1070
1070
9250A-122-RC
1.2
±10
44
7.9
130
0.10
895
895
9250A-152-RC
1.5
±10
44
7.9
115
0.12
815
815
9250A-182-RC
1.8
±10
44
7.9
105
0.14
775
775
9250A-222-RC
2.2
±10
44
7.9
100
0.19
650
650
9250A-272-RC
2.7
±10
44
7.9
92
0.28
535
535
9250A-332-RC
3.3
±10
44
7.9
85
0.35
480
480
9250A-392-RC
3.9
±10
44
7.9
75
0.40
450
450
9250A-472-RC
4.7
±10
44
7.9
70
0.55
380
380
9250A-562-RC
5.6
±10
44
7.9
65
0.72
335
335
9250A-682-RC
6.8
±10
50
7.9
55
1.02
280
280
9250A-822-RC
8.2
±10
50
7.9
50
1.32
250
250
9250A-103-RC
10
±10
50
7.9
46
1.62
220
220
9250A-123-RC
12
±10
55
2.5
44
2.00
200
200
9250A-153-RC
15
±10
45
2.5
49
0.80
315
250
9250A-183-RC
18
±10
45
2.5
45
0.89
300
235
9250A-223-RC
22
±10
45
2.5
41
0.96
290
220
9250A-273-RC
27
±10
45
2.5
38
1.19
260
200
9250A-333-RC
33
±10
45
2.5
34
1.37
240
190
9250A-393-RC
39
±10
50
2.5
29
1.93
205
180
9250A-473-RC
47
±10
50
2.5
27
2.11
195
175
9250A-563-RC
56
±10
50
2.5
25
2.23
190
160
9250A-683-RC
68
±10
50
2.5
21
2.70
170
150
9250A-823-RC
82
±10
50
2.5
10.5
2.44
180
140
9250A-104-RC
100
±10
50
2.5
10
3.12
160
120
9250A-124-RC
120
±10
55
0.79
9.7
3.6
150
95
9250A-154-RC
150
±10
55
0.79
8.5
4.1
140
90
9250A-184-RC
180
±10
55
0.79
8.0
4.4
135
85
9250A-224-RC
220
±10
55
0.79
7.5
5.0
125
80
9250A-274-RC
270
±10
55
0.79
7.0
5.8
115
70
9250A-334-RC
330
±10
55
0.79
6.5
6.4
110
65
9250A-394-RC
390
±10
60
0.79
6.2
7.4
105
60
9250A-474-RC
470
±10
60
0.79
5.7
9.5
92
58
9250A-564-RC
560
±10
60
0.79
4.7
10.5
90
55
9250A-684-RC
680
±10
60
0.79
4.5
11.8
80
50
9250A-824-RC
820
±10
60
0.79
4.2
13.0
80
45
Electricalspecificationscontinuedonpage2.


Similar Part No. - 9250A-223-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9250A-223-RC BOURNS-9250A-223-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
More results

Similar Description - 9250A-223-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com