Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW20A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # FW20A
Description  Fusible Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FW20A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  FW20A Datasheet HTML 1Page - Bourns Electronic Solutions FW20A Datasheet HTML 2Page - Bourns Electronic Solutions FW20A Datasheet HTML 3Page - Bourns Electronic Solutions FW20A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
FWxxASeriesFusiblePowerResistors
Performance Specifications
Characteristic
Limits
Test Method
(JIS-C-5201 & JIS-C-5202)
TemperatureCoefficient
±200PPM/°Cmax.
4.8Naturalresistancechangespertemperature(°C):
R2-R2 x106(PPM/°C)
R1(T2-T1)
R1:Resistancevalueatroomtemp.(T1)
R2:Resistancevalueatroomtemp.+100°C(T2)
Short Time Overload
Resistancechangerateis±5%max.,with
no evidence of mechanical damage.
4.13 Permanent resistance change after the application of a
potentialof2.5timesRCWVfor5seconds.
Terminal Strength
No evidence of mechanical damage.
4.16 DirectLoad:
Resistance to a 2.5 kg direct load for 10 seconds in the
directionofthelongitudinalaxisoftheterminalleads.
TwistTest:
Terminalleadsshallbebentthrough90°atapointof
approximately6mmfromthebodyoftheresistorand
shallberotatedthrough360°(abouttheoriginalaxisof
thebentterminal)inalternatingdirectionsforatotalof
three rotations.
Resistance to Soldering Heat Resistancechangerateis±1%max.,with
no evidence of mechanical damage.
4.18 Permanent resistance change when leads are immersed
toapoint2.0to2.5mmfromthebodyin260°C(±5°C)
solderfor10(±1)seconds.
Solderability
95%coverageminimum
4.17 The area covered with a new, smooth, clean, shiny and
continuous surface free from concentrated pinholes.
Testtemp.ofsolder:245°C(±3°C).
Dwelltimeinsolder:2~3seconds.
Load Life in Humidity
Resistancechangerateis±5%max.,with
no evidence of mechanical damage.
7.9 Resistance change after 1,000 hours (1.5 hours “ON”,
0.5hours“OFF”)atRCWVinahumiditytestchamber
controlledat40°C(±2°C)and90-95%relativehumidity.
Safety Fuse
Resistance value shall increase at least
100 times initial value.
1W~5W:Load120/240VACvoltage.
7W:Load240VACvoltage.
Resistormustbesafelyfused.
Dielectric Withstanding
Voltage
Noevidenceofflashovermechanical
damage,arcingorinsulationbreakdown.
UL1412,
19.1Aresistor(oraresistoranditsmountingifprovided),
shallwithstand,withoutbreakdown,foraperiodofnot
lessthanoneminute,a60Hzpotentialof1000Vplus
twicetheratedvoltageappliedbetweenlivepartsand
dead metal parts, if any.
1st Significant Figure
2nd Significant Figure
3rd Significant Figure
Multiplier
Tolerance
Typical Part Marking
Color
1st Band 2nd Band 3rd band Multiplier
Tolerance
Black
0
0
0
Brown
1
1
1
10Ω
±1%
Red
2
2
2
100Ω
±2%
Orange
3
3
3
1KΩ
Yellow
4
4
4
10KΩ
Green
5
5
5
100KΩ
±0.5%
Blue
6
6
6
1MΩ
±0.25%
Violet
7
7
7
10MΩ
±0.10%
Grey
8
8
8
±0.05%
White
9
9
9
Gold
0.1Ω
±5%
Silver
0.01Ω
±10%


Similar Part No. - FW20A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FW20A10R0JA BOURNS-FW20A10R0JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW20A4R70JA BOURNS-FW20A4R70JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW20A5R10JA BOURNS-FW20A5R10JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW20A5R60JA BOURNS-FW20A5R60JA Datasheet
669Kb / 4P
   Fusible Power Resistors
FW20A6R20JA BOURNS-FW20A6R20JA Datasheet
669Kb / 4P
   Fusible Power Resistors
More results

Similar Description - FW20A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
   Fusible Power Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com