Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1737-18 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1737-18
Description  LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1737-18 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1737-18 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1737-18 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1737-18 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1737-18 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1737-18 Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AIC1737
LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
SPEC NO: DS-1737-00 08/06/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
5
PIN DESCRIPTION
VOUT PIN - Output pin.
GND PIN - Power GND.
VIN PIN
- Power Supply Input.
APPLICATION INFORMATIONS
A 1
µF (or greater) capacitor is required between the
AIC1737 output and ground for stability. Without this
capacitor the part will oscillate. Even though most
types of capacitor may work, the equivalent series
resistance (ESR) should be held to 5
Ω or less if
Aluminum electrolytic type is used. Many Aluminum
electrolytics have electrolytes that freeze at about
-30
°C, so solid tantalums are recommended for
operation below -25
°C. The value of this capacitor
may be increased without limit.
A 0.1
µF capacitor (or greater) should be placed from
the AIC1737 input to ground if the lead inductance
between the input and power source exceeds 500nH
(approximately 10 inches of trace).
PHYSICAL DIMENSIONS
SOT-89 (unit: mm)
SYMBOL
MIN
MAX
A
1.40
1.60
B
0.36
0.48
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 (TYP.)
e1
3.00 (TYP.)
H
3.94
4.25
B
e
H
e1
D
D1
A
C
L
E
L
0.89
1.20
SOT-89 MARKING
Part No.
Marking
AIC1737-18
BM18
AIC1737-20
BM20
AIC1737-25
BM25
AIC1737-27
BM27
AIC1737-30
BM30


Similar Part No. - AIC1737-18

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18 AIC-AIC1730-18 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-18CQ AIC-AIC1730-18CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18CV AIC-AIC1730-18CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-19 AIC-AIC1730-19 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1737-18

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com