Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWP-4A14F Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWP-4A14F
Description  FWP 660V/700V (IEC/U.L.)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-4A14F Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWP-4A14F Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Form No.
Page 1 of 1
BIF Doc #720025
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann
Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly
present comprehensive product data and provide technical information that will help the end user with design
applications. Bussmann reserves the right, without notice, to change design or construction of any products and
to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested
by the user in all possible applications.
Ferrule
FWP 660V/700V (IEC/U.L.)
1-50A
®
Dimensions
K
1.4
1.2
1.0
0.6
0.8
0.7
0.9
0.5
0.4
0.3
200
300
400
500
600
700
E
g
1)
2)
U
L
1.4
1.2
103
6
8
7
9
5
4
3
200
300
400
500
600
700
E
g
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
50.8
(2.000")
15.5
(0.610")
14.3
(0.563")
Electrical Characteristics
Ordering Information
Dimensions
Curves
Rated
I2t (A2S)
Carton
Current
Clearing
Watts
Part
Carton
Weight
Figure
Size
RMS-Amps
Pre-arc
at 660V
Loss
Number
Qty.
(kg)
Number
BIF #
1
FWP-1A14F
2
FWP-2A14F
3
FWP-3A14F
4
FWP-4A14F
5
1.6
11
1.5
FWP-5A14F
6
FWP-6A14F
14 ≈ 51mm
10
3.6
22
4
FWP-10A14F
10
0.225
Fig. 1
35785307
(·Ω¡§∑)
15
10
75
5.5
FWP-15A14F
20
26
180
6
FWP-20A14F
25
44
320
7
FWP-25A14F
30
58
450
9
FWP-30A14F
32
68
600
7.6
FWP-32A14F
40
84
750
8
FWP-40A14F
50
200
1800
9
FWP-50A14F
Interrupting rating 200kA RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
(700 Vdc/Interrupting rating 50kA) U.L. Recognition.
CSA Component Acceptance: 5 - 30A.
Fig. 1: 1-50 Amp Range
1) 5-30 Amp Range
2) 32-50 Amp Range
Dimension in mm.
1mm = 0.0394∑
1∑ = 25.4mm
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
7-18-01
SB01191
R


Similar Part No. - FWP-4A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-4A14F COOPER-FWP-4A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-4A14F COOPER-FWP-4A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-4A14Fa COOPER-FWP-4A14Fa Datasheet
1Mb / 21P
   Ferrule fuses
More results

Similar Description - FWP-4A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
FWP-300 COOPER-FWP-300 Datasheet
50Kb / 2P
   FWP 700V 5-1200A
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com