Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1737-25 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1737-25
Description  LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1737-25 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1737-25 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1737-25 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1737-25 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1737-25 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1737-25 Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AIC1737
LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
SPEC NO: DS-1737-00 08/06/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
2
ORDERING INFORMATION
PACKAGING TYPE
X:
SOT89
OUTPUT VOLTAGE
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
AIC1737-XCX
ORDER NUMBER
AIC1737-18CX
AIC1737-20CX
AIC1737-25CX
AIC1737-27CX
AIC1737-30CX
(SOT-89)
PIN CONFIGURATION
FRONT VIEW
1. GND
2: IN
3: OUT
12
3
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage ...................................................…………..…….................. -0.3~12V
Operating Junction Temperature Range
.....………........…………................ -40
°C~ 85°C
Storage Temperature Range ....................……......................……….............. -65
°C~150°C
Power Dissipation
SOT-89 Package ....…...…................. 0.5W
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
ELECTRICAL CHARACTERISTICS (Ta=25°°°°C, C
IN=1µ
µµµF, C
OUT=10µ
µµµF, unless otherwise
specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
No Load
AIC1737-30
AIC1737-27
AIC1737-25
AIC1737-20
AIC1737-18
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
2.940
2.646
2.550
1.960
1.764
3.000
2.700
2.500
2.000
1.800
3.060
2.754
2.550
2.040
1.836
V
Output Voltage
Temperature
Coefficiency
(Note 1)
50
150
PPM/
°C


Similar Part No. - AIC1737-25

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18 AIC-AIC1730-18 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-18CQ AIC-AIC1730-18CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18CV AIC-AIC1730-18CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-19 AIC-AIC1730-19 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1737-25

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com