Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8804 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8804 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8804 Datasheet HTML 4Page - Cirrus Logic WM8804 Datasheet HTML 5Page - Cirrus Logic WM8804 Datasheet HTML 6Page - Cirrus Logic WM8804 Datasheet HTML 7Page - Cirrus Logic WM8804 Datasheet HTML 8Page - Cirrus Logic WM8804 Datasheet HTML 9Page - Cirrus Logic WM8804 Datasheet HTML 10Page - Cirrus Logic WM8804 Datasheet HTML 11Page - Cirrus Logic WM8804 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
WM8804
Production Data
w
PD, Rev 4.5, March 2009
8
DIGITAL AUDIO INTERFACE – SLAVE MODE
BCLK
LRCLK
t
BCH
t
BCL
t
BCY
DIN
DOUT
t
LRSU
t
DS
t
LRH
t
DH
t
DD
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
PVDD = 3.3V, DVDD = 3.3V, PGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
LRCLK set-up time to BCLK
rising edge
tLRSU
10
ns
LRCLK hold time from
BCLK rising edge
tLRH
10
ns
DIN set-up time to BCLK
rising edge
tDS
10
ns
DIN hold time from BCLK
rising edge
tDH
10
ns
DOUT propagation delay
from BCLK falling edge
tDD
0
10
ns
Table 3 Digital Audio Data Timing – Slave Mode


Similar Part No. - WM8804

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
   1:1 Digital Interface Transceiver with PLL
WM8804GEDS WOLFSON-WM8804GEDS Datasheet
699Kb / 66P
   1:1 Digital Interface Transceiver with PLL
WM8804GEDSR WOLFSON-WM8804GEDSR Datasheet
699Kb / 66P
   1:1 Digital Interface Transceiver with PLL
More results

Similar Description - WM8804

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
   1:1 Digital Interface Transceiver with PLL
WM8805 WOLFSON-WM8805 Datasheet
853Kb / 65P
   8:1 Digital Interface Transceiver with PLL
logo
Cirrus Logic
WM8805 CIRRUS-WM8805 Datasheet
878Kb / 66P
   8:1 Digital Interface Transceiver with PLL
logo
VTI technologies
SCA830-D07 VTI-SCA830-D07 Datasheet
107Kb / 6P
   1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
Murata Manufacturing Co...
SCA830-D07-1 MURATA-SCA830-D07-1 Datasheet
158Kb / 6P
   SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
SCA830-D07 MURATA-SCA830-D07 Datasheet
186Kb / 5P
   SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
   AM/FM PLL with 1 Switch
logo
List of Unclassifed Man...
HT140WXB-100 ETC-HT140WXB-100 Datasheet
1Mb / 35P
   1 Channel LVDS Interface with 1 pixel / clock
2009.6.27.
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com