Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWJ-25A14F Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FWJ-25A14F
Description  20-30A, 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWJ-25A14F Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FWJ-25A14F Datasheet HTML 1Page - Cooper Bussmann, Inc. FWJ-25A14F Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Fuse
20-30A, 1000 Volts
BIF Document
35785315
Size
14≈ 67
Prospective Short-Circuit Current Symmetrical RMS
2
4
2
6
6
4
2
6
4
24
6
2
4
6
24
6
2
4
6
10
1
10
2
10
3
10
4
10
1
10
2
10
3
10
4
10
5
FWJ-20A14F
FWJ-25A14F
FWJ-30A14F
2
Peak Let-Through
Cut-Off Current Characteristic Curves
FWJ 20A14F-30A14F
Approved:
NN
Rev. Date:
SEPT-97
Page
2 of 2
Pub. Date:
JAN-98
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition
uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann
reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to
change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
1-17-01
SB00233


Similar Part No. - FWJ-25A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWJ-25A14F COOPER-FWJ-25A14F Datasheet
1Mb / 21P
   Ferrule fuses
More results

Similar Description - FWJ-25A14F

ManufacturerPart #DatasheetDescription
logo
GHz Technology
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
National Instruments Co...
P2H30F6 NI-P2H30F6_15 Datasheet
206Kb / 2P
   30A Avg 600 Volts
P2H30QH20 NI-P2H30QH20_15 Datasheet
225Kb / 2P
   30A Avg 200 Volts
logo
Nihon Inter Electronics...
PE308N NIEC-PE308N_1 Datasheet
150Kb / 2P
   30A Avg 800 Volts
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
   30A Avg 400 Volts
P2H30F2 NI-P2H30F2_15 Datasheet
206Kb / 2P
   30A Avg 200 Volts
logo
Nihon Inter Electronics...
PT30S8 NIEC-PT30S8_1 Datasheet
112Kb / 2P
   30A Avg 800 Volts
PHT308C NIEC-PHT308C Datasheet
336Kb / 3P
   30A Avg 800 Volts
PC308 NIEC-PC308_1 Datasheet
150Kb / 2P
   30A Avg 800 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com