Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWJ-20A14F Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWJ-20A14F
Description  20-30A, 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWJ-20A14F Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWJ-20A14F Datasheet HTML 1Page - Cooper Bussmann, Inc. FWJ-20A14F Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Fuse
20-30A, 1000 Volts
BIF Document
35785315
Size
14≈ 67
FWJ-20A14F
FWJ-25A14F
FWJ-30A14F
10
1
2
24
6
8
2
10
2
24
6
8 103
2
4
6
2
6
4
2
6
4
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10
–4
10
0
10
1
10
–1
10
–2
10
–3
10
2
10
3
10
4
Prospective Current In Amperes RMS
Pre-Arcing
Time-Current Characteristic Curves
FWJ 20A14F-30A14F
Approved:
NN
Rev. Date:
SEPT-97
Page
1 of 2
Pub. Date:
JAN-98
BUSSMANN
P.O. Box 14460
St. Louis, MO 63178-4460
U.S.A.
Phone:
636-394-2877
Fax:
800-544-2570
Int’l Fax: 636-527-1413
BUSSMANN U.K.
Burton-on-the-Wolds
Leicestershire LE12 5TH
England
Phone:
44-1509-882737
Fax:
44-1509-882786
BUSSMANN DENMARK
5 Literbuen
DK-2740 Skovlunde
Copenhagen, Denmark
Phone:
45-4485-0900
Fax:
45-4485-0901
Bussmann reserves the right without notice to change design and/or discontinue distribution of this product.
1-17-01
SB00233


Similar Part No. - FWJ-20A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWJ-20A14F COOPER-FWJ-20A14F Datasheet
1Mb / 21P
   Ferrule fuses
More results

Similar Description - FWJ-20A14F

ManufacturerPart #DatasheetDescription
logo
GHz Technology
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
National Instruments Co...
P2H30F6 NI-P2H30F6_15 Datasheet
206Kb / 2P
   30A Avg 600 Volts
P2H30QH20 NI-P2H30QH20_15 Datasheet
225Kb / 2P
   30A Avg 200 Volts
logo
Nihon Inter Electronics...
PE308N NIEC-PE308N_1 Datasheet
150Kb / 2P
   30A Avg 800 Volts
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
   30A Avg 400 Volts
P2H30F2 NI-P2H30F2_15 Datasheet
206Kb / 2P
   30A Avg 200 Volts
logo
Nihon Inter Electronics...
PT30S8 NIEC-PT30S8_1 Datasheet
112Kb / 2P
   30A Avg 800 Volts
PHT308C NIEC-PHT308C Datasheet
336Kb / 3P
   30A Avg 800 Volts
PC308 NIEC-PC308_1 Datasheet
150Kb / 2P
   30A Avg 800 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com