Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWH-5A14F Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWH-5A14F
Description  1-30A, 500 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-5A14F Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWH-5A14F Datasheet HTML 1Page - Cooper Bussmann, Inc. FWH-5A14F Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Fuse
1-30A, 500 Volts
BIF Document
35785298
Size
14≈ 51
24
6
8
10
1
2
24
6
8
2
10
2
24
6
8
10
3
2
4
6
2
6
4
2
6
4
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
FWH-5A14F
FWH-10A14F
FWH-15A14F
FWH-20A14F
FWH-25A14F
FWH-30A14F
Prospective Current In Amperes RMS
10
3
10
0
10
1
10
4
10
2
10
–4
10
–3
10
–2
10
–1
Pre-Arcing
Time-Current Characteristic Curves
FWH 1A14F-30A14F
Approved:
NN
Rev. Date:
SEPT-97
Page
1
Pub. Date:
JA
BUSSMANN
P.O. Box 14460
St. Louis, MO 63178-4460
U.S.A.
Phone:
636 394 2877
BUSSMANN U.K.
Burton-on-the-Wolds
Leicestershire LE12 5TH
England
Phone:
44 1509 882737
BUSSMANN DENMARK
5 Literbuen
DK-2740 Skovlunde
Copenhagen, Denmark
Phone:
45 4485 0900
35785298*
2/13/01 10:50 AM
Page 1


Similar Part No. - FWH-5A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-5A14F COOPER-FWH-5A14F Datasheet
1Mb / 21P
   Ferrule fuses
More results

Similar Description - FWH-5A14F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
   1 AMP, 500 Volts High Voltage PNP Transistor
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
   1 AMP, 500 Volts High Voltage PNP Transistor
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
   1 AMP, 500 Volts High Voltage PNP Transistor
logo
National Instruments Co...
P2H30F6 NI-P2H30F6_15 Datasheet
206Kb / 2P
   30A Avg 600 Volts
logo
Cooper Bussmann, Inc.
FWJ-20A14F COOPER-FWJ-20A14F Datasheet
34Kb / 2P
   20-30A, 1000 Volts
logo
National Instruments Co...
P2H30QH20 NI-P2H30QH20_15 Datasheet
225Kb / 2P
   30A Avg 200 Volts
logo
Nihon Inter Electronics...
PE308N NIEC-PE308N_1 Datasheet
150Kb / 2P
   30A Avg 800 Volts
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
   30A Avg 400 Volts
P2H30F2 NI-P2H30F2_15 Datasheet
206Kb / 2P
   30A Avg 200 Volts
logo
Solid States Devices, I...
TR0127A SSDI-TR0127A Datasheet
126Kb / 2P
   1 AMP, 500 Volts High Voltage PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com