Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4367 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4367
Description  OUTPUT MIXER & HP - AMP 24 BIT 2 CH DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4367 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4367 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ASAHI KASEI
[AK4367]
MS0247-E-01
2004/11
- 7 -
Parameter
min
typ
max
Units
LINEIN: (LIN/RIN/MIN pins)
Analog Input Characteristics
Input Resistance (See Figure 30 and Figure 31.)
LIN pin
LINL bit = “1”, LINM bit = “1”
23
33
-
k
LINL bit = “1”, LINM bit = “0”
-
40
-
k
LINL bit = “0”, LINM bit = “1”
-
200
-
k
RIN pin
RINR bit = “1”, RINM bit = “1”
23
33
-
k
RINR bit = “1”, RINM bit = “0”
-
40
-
k
RINR bit = “0”, RINM bit = “1”
-
200
-
k
MIN pin
MINL bit = “1”, MINR bit = “1”, MINM bit = “1”
11
17
-
k
MINL bit = “1”, MINR bit = “0”, MINM bit = “0”
-
40
-
k
MINL bit = “0”, MINR bit = “1”, MINM bit = “0”
-
40
-
k
MINL bit = “0”, MINR bit = “0”, MINM bit = “1”
-
100
-
k
Gain
LIN/RIN
→MOUT
−7
−6
−5
dB
MIN
→MOUT
−1
0
+1
dB
LIN/MIN
→HPL, RIN/MIN→HPR
+0.8
+1.8
+2.8
dB
Power Supplies
Power Supply Current
Normal Operation (PDN pin = “H”)
(Note 8)
VDD
-
1.8
3.0
mA
HVDD
-
1.0
2.0
mA
Power-Down Mode (PDN pin = “L”)
(Note 9)
-
1
100
µA
Note 8. PMDAC=PMHPL=PMHPR=PMMO bits = “1”, MUTEN bit = “1” and HP-Amp output is off.
Note 9. All digital input pins including clock pins (MCLK, BICK and LRCK) are held at VSS.


Similar Part No. - AK4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4367 AKM-AK4367 Datasheet
710Kb / 58P
   PLL & HP-AMP DAC
AK4367 AKM-AK4367 Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367VN AKM-AK4367VN Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367 AKM-AK4367_05 Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
More results

Similar Description - AK4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367 AKM-AK4367_05 Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4342 AKM-AK4342 Datasheet
567Kb / 43P
   24-Bit Stereo DAC with HP-AMP & 2V Line-Out
AK4368 AKM-AK4368 Datasheet
710Kb / 58P
   PLL & HP-AMP DAC
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4358 AKM-AK4358 Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com