Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4367 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4367
Description  OUTPUT MIXER & HP - AMP 24 BIT 2 CH DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4367 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4367 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4367 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ASAHI KASEI
[AK4367]
MS0247-E-01
2004/11
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
SDA
I/O
Control Data Input/Output Pin (I2C pin = “H”)
1
CDTI
I
Control Data Input Pin (I2C pin = “L”)
SCL
I
Control Data Clock Pin (I2C pin = “H”)
2
CCLK
I
Control Data Clock Pin (I2C pin = “L”)
CAD0
I
Chip Address 0 Select Pin (I2C pin = “H”)
3
CSN
I
Control Data Chip Select Pin (I2C pin = “L”)
4
SDATA
I
Audio Serial Data Input Pin
5
LRCK
I
L/R Clock Pin
This clock determines which audio channel is currently being input on SDATA pin.
6
BICK
I
Serial Bit Clock Pin
This clock is used to latch audio data.
7
MCLK
I
Master Clock Input Pin
8
PDN
I
Power-down & Reset Pin
When at “L”, the AK4367 is in power-down mode and is held in reset.
The AK4367 should always be reset upon power-up.
9
I2C
I
Control Mode Select Pin (Internal Pull-down Pin)
“H”: I
2C Bus, “L”: 3-wire Serial
10
MOUT
O
Mono Analog Output Pin
11
VCOM
O
Common Voltage Output Pin
Normally connected to VSS pin with 0.1
µF ceramic capacitor in parallel with a 2.2µF
electrolytic capacitor.
12
MUTET
O
Mute Time Constant Control Pin
Connected to VSS pin with a capacitor for mute time constant.
13
VDD
-
Power Supply Pin
14
VSS
-
Ground Pin
15
HVDD
-
Power Supply Pin for Headphone Amp
16
HPR
O
Rch Headphone Amp Output Pin
17
HPL
O
Lch Headphone Amp Output Pin
18
MIN
I
Mono Analog Input Pin
19
RIN
I
Rch Analog Input Pin
20
LIN
I
Lch Analog Input Pin
Note: All digital input pins except analog input pins (MIN, RIN and LIN) and internal pull-down pin must not be left
floating.
Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog
MOUT, MUTET, HPR, HPL, MIN, RIN, LIN
These pins should be open.
Digital
CAD0
These pins should be connected to VSS.


Similar Part No. - AK4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4367 AKM-AK4367 Datasheet
710Kb / 58P
   PLL & HP-AMP DAC
AK4367 AKM-AK4367 Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367VN AKM-AK4367VN Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367 AKM-AK4367_05 Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
More results

Similar Description - AK4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367 AKM-AK4367_05 Datasheet
447Kb / 38P
   Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4342 AKM-AK4342 Datasheet
567Kb / 43P
   24-Bit Stereo DAC with HP-AMP & 2V Line-Out
AK4368 AKM-AK4368 Datasheet
710Kb / 58P
   PLL & HP-AMP DAC
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4358 AKM-AK4358 Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com