Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIWA-VX-G142 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AIWA-VX-G142
Description  AIWA VX-G142 OPERATION 1 SCHEMATIC DIARGAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AIWA-VX-G142 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AIWA-VX-G142 Datasheet HTML 4Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 5Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 6Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 7Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 8Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 9Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 10Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 11Page - List of Unclassifed Manufacturers AIWA-VX-G142 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ABC
D
E
F
G
H
ABC
D
E
F
G
H
2
1
3
4
5
6
7
8
2
1
3
4
5
6
7
8
B.SIGNAL
G.SIGNAL
R.SIGNAL
TUNER VIDEO SIGNAL
X102
EFOEC
8004T4
IC101
OEC6044D
TIMER MICON
Q102
2SC2412K
SWITCHING
IC103
PST600H
RESET
123
1234
5
6
7
8
OF PRINTING AND SUBJECT TO CHANGE WITHOUT NOTICE
NOTE: THIS SCHEMATIC DIAGRAM IS THE LATEST AT THE TIME
DURING PLAYBACK
MEASURED WITH THE DIGITAL TESTER
NOTE: THE DC VOLTAGE AT EACH PART WAS
C6512
1F
C113
0.022 F
C109
18P CH
C108
10P CH
C107
10P CH
C178
100P CH
C6511
1F
C166
270P CH
C150
330P CH
C115
100P CH
C124
4.7
50V
KS
C112
330
6.3V
KS
Q105
2SC2412K
SWITCHING
RS
Q6504
2SC2412K
BUFFER
Q6502
2SC2412K
BUFFER
Q111
2SC2412K
SWITCHING
Q107
2SC2412K
SWITCHING
Q110
2SC2412K
SWITCHING
Q6503
2SA1037AK
BUFFER
Q106
DTC114TK
SWITCHING
W981
W909
W827
W825
W847
W922
W901
W880
R124
10K
R157
10K
R6508
270
R106
10K
R105
1.8K
R118
47K
R133
10K
R181
10K
R102
4.7K
R108
4.7K
R101
4.7K
R104
10K
R103
22K
R114
10K
R115
10K
R116
10K
R150
4.7K
R151
4.7K
R149
4.7K
R146
4.7K
R147
4.7K
R129
10K
R123
4.7K
R122
4.7K
R6514
12K
R185
150 1/4W
R162
1K
R121
4.7K
R136
1K
R172
4.7K
R110
22K
R163
2.2K
R184
15K
R141
10K
R134
10K
R159
10K
R155
270
R156
270
R171
1.5K
D119
11EQS04
D102
LFB-01L
D120
1SS133
DESCRIBED IN PARTS LIST ONLY
CRITICAL FOR SAFETY,USE ONES
ARE
SINCE THESE PARTS MARKED BY
CAUTION:
CAUTION: DIGITAL TRANSISTOR
P.CON+5V[B]
POWER_FAIL
VCR_POWER-H
P.CON+9V
GND
VCR_POWER-H
I2C_OFF
TV_POWER-H
SCL
SDA
TU.VIDEO[B]
AT+5.6V
STOP
STR-B
VCR_POWER-H
S.CLK
S.DATA-T-S
H.SW
STR-B
S.DATA-S-T
S.CLK
S.DATA-T-S
VCR_MUTE
S.DATA-S-T
GND
MUTE-H
TRICK_PB-L
MUTE-H
TU_MUTE
PWM_VT
REMOTE
TRICK_PB-L
PWM_VT
VCR_MUTE
AGC_CONTROL
AFT_S.CURVE
TU_MUTE
ATS.LEVEL
TU.VIDEO[B]
AV-H
P.CON+5V[B]
ATS.LEVEL
COLOR_SYSTEM
B.B-H
DV_SYNC[T]
DV_SYNC
SDA
SCL
SDA
AV-H
SCL
OSDR
OSDG
OSDB
OSDBLK.
HD
VD
TV_POWER-H
SDA
SCL
VD
B.B-H
REMOTE
PB_LED
HD
KEY-A
KEY-B
TV_POWER-H
J-14
MICON SCHEMATIC DIAGRAM
MUTE H
COLOR SYSTEM
0
5.0
(SYSCON PCB)
VM7125
PCB010
FROM/TO OPERATION
FROM/TO SYSCON
FROM/TO CHROMA
FROM/TO CHROMA
FROM/TO TUNER/AUDIO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
0
SIF
SST
STS
SCLK
STRB
AUDIO A
AUDIO B
TV POWER
VCR POWER
VDD
POWER FAIL
X.OUT
RESET
32KHz OSC
32KHz OSC
REMOTE
SD
VCR MUTE
OSDBLK
OSDG
OSDR
OSDB
HD
VD
SCL
SDA
OSC1
OSC2
TEST
X.IN
VH
VL
VSS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
4.8
0
0
KEY B
KEY A
AFT
PAL/SEC.A
VSS
H.BLK CUT
C.ON/OFF
SINEMA/4:3
ATS LEVEL
V.SIZE/V.POSI
AGC
AV2
SECAM_VL
VT
B.B HI
DV SYNC
T’TEXT RESET
HALF TONE
IIC OFF
TRICK PB L
00
0
0
5.1
0
0
P.B.LED
H.SW
TUNER MUTE
0
0
0.9
0.7
5.0
0.5
0
8.5
8.9
2.5
5.1
4.9
4.9
4.9
5.1
4.9
5.1
4.9
4.9
0
4.7
5.1
4.3
5.1
2.2
0
0
0
0
5.1
5.1
0
0.9
5.0
2.5
1.0
0
5.1
2.4
2.1
0
5.1
0
3.7
4.5
5.0
4.5
4.0
0.2
0
5.1
0.2
2.6
0
1.0
4.9
0
2.5
5.1
0
0
0.2
0.1
5.1
0
0
0
5.1
5.0
4.5
3.7
4.5
0.6
0.6
0.5
AV-H
18
FROM/TO POWER I/O
NC
NC
TO SOUND AMP
FROM/TO Y/C


Similar Part No. - AIWA-VX-G142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIWA-TV-A149 ETC-AIWA-TV-A149 Datasheet
5Mb / 3P
   AIWA-TV-A149
More results

Similar Description - AIWA-VX-G142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIWA-TV-A149 ETC-AIWA-TV-A149 Datasheet
5Mb / 3P
   AIWA-TV-A149
logo
PowerVolt Inc.
CT0025-C00 POWERVOLT-CT0025-C00 Datasheet
157Kb / 1P
   Schematic
CT0025-F00 POWERVOLT-CT0025-F00 Datasheet
165Kb / 1P
   Schematic
logo
Pulse A Technitrol Comp...
ST4202TNL PULSE-ST4202TNL Datasheet
156Kb / 3P
   SCHEMATIC
E2457NL PULSE-E2457NL Datasheet
69Kb / 2P
   SCHEMATIC
logo
NEC
NE32900 NEC-NE32900 Datasheet
23Kb / 1P
   SCHEMATIC
logo
Pulse A Technitrol Comp...
E2467NL PULSE-E2467NL Datasheet
72Kb / 2P
   SCHEMATIC
logo
Rhombus Industries Inc.
L-658 RHOMBUS-IND-L-658 Datasheet
18Kb / 1P
   schematic
T-759 RHOMBUS-IND-T-759 Datasheet
22Kb / 1P
   SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
MIKROE-2405 ETC1-MIKROE-2405 Datasheet
289Kb / 1P
   schematic v100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com