Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C106J3RACTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1812C106J3RACTU
Description  X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C106J3RACTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C1812C106J3RACTU Datasheet HTML 3Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 4Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 5Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 6Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 7Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 8Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 9Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 10Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1002_X7R_SMD • 6/9/2017
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Cap
Cap
Code
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
Voltage Code
9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
6
5
1
2
A
9
8
4
3
6
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
3.3µF
335
J
K
M
ED ED ED EH
3.9µF
395
J
K
M
EF EF EF EH
4.7µF
475
J
K
M
DG DG DG
EH EH EH EH EH¹ EH¹
5.6µF
565
J
K
M
EH EH EH
6.8µF
685
J
K
M
EH EH EH
8.2µF
825
J
K
M
EH EH EH
10µF
106
J
K
M
DH DH
EH EH EH EH
22µF
226
J
K
M
EH¹ EH¹
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
6
5
1
2
A
9
8
4
3
6
5
1
2
A
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
Table 1A – Capacitance Range/Selection Waterfall (0402 – 1206 Case Sizes) cont'd
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68, and 82)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
xx1 Available only in K, M tolerance.
xx2 Available only in M tolerance.
Cap
Cap
Code
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
10-91pF*
100-910*
J
K
M
FB FB FB FB FB FB FB
11pF
110
J
K
M
FB FB FB FB FB FB FB
12pF
120
J
K
M
FB FB FB FB FB FB FB
13pF
130
J
K
M
FB FB FB FB FB FB FB
15pF
150
J
K
M
FB FB FB FB FB FB FB
16pF
160
J
K
M
FB FB FB FB FB FB FB
18pF
180
J
K
M
FB FB FB FB FB FB FB
20pF
200
J
K
M
FB FB FB FB FB FB FB
22pF
220
J
K
M
FB FB FB FB FB FB FB
24pF
240
J
K
M
FB FB FB FB FB FB FB
27pF
270
J
K
M
FB FB FB FB FB FB FB
30pF
300
J
K
M
FB FB FB FB FB FB FB
33pF
330
J
K
M
FB FB FB FB FB FB FB
36pF
360
J
K
M
FB FB FB FB FB FB FB
39pF
390
J
K
M
FB FB FB FB FB FB FB
43pF
430
J
K
M
FB FB FB FB FB FB FB
47pF
470
J
K
M
FB FB FB FB FB FB FB
51pF
510
J
K
M
FB FB FB FB FB FB FB
56pF
560
J
K
M
FB FB FB FB FB FB FB
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C


Similar Part No. - C1812C106J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C106J3RACTU KEMET-C1812C106J3RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results

Similar Description - C1812C106J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com