Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA0H104ZF Datasheet(PDF) 4 Page - Kemet Corporation

Part # FA0H104ZF
Description  Supercapacitors FA Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FA0H104ZF Datasheet(HTML) 4 Page - Kemet Corporation

  FA0H104ZF_17 Datasheet HTML 1Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 2Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 3Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 4Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 5Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 6Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 7Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 8Page - Kemet Corporation FA0H104ZF_17 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6018_FA • 3/30/2017
Supercapacitors – FA Series
Table 1 – Ratings & Part Number Reference
Part Number
Maximum
Operating Voltage
(VDC)
Nominal Capacitance
Maximum ESR
at 1 kHz (Ω)
Maximum
Current at 30
Minutes (mA)
Weight (g)
Charge
System (F)
Discharge
System (F)
FA0H473ZF
5.5
0.047
0.075
20.0
0.071
0.071
FA0H104ZF
5.5
0.10
0.16
8.0
0.15
0.15
FA0H224ZF
5.5
0.22
0.35
5.0
0.33
0.33
FA0H474ZF
5.5
0.47
0.75
3.5
0.71
0.71
FA0H105ZF
5.5
1.0
1.6
2.5
1.5
1.5
FA1A223ZF
11.0
0.022
0.035
20.0
0.066
0.066
FA1A104ZF
11.0
0.10
0.16
8.0
0.30
0.30
FA1A224ZF
11.0
0.22
0.35
6.0
0.66
0.66
FA1A474ZF
11.0
0.47
0.75
4.0
1.41
1.41
Specifications
Item
FA Type
Test Conditions
(conforming to JIS C 5160-1)
Category Temperature Range
−25°Cto+70°C
Maximum Operating Voltage
5.5 VDC, 11 VDC
Capacitance
Refer to Table 1
Refer to “Measurement Conditions”
Capacitance Allowance
+80%,−20%
Refer to “Measurement Conditions”
ESR
Refer to Table 1
Measuredat1kHz,10mA;Seealso
“Measurement Conditions”
Current (30 minutes value)
Refer to Table 1
Refer to “Measurement Conditions”
Surge
Capacitance
Surge voltage:
Charge:
Discharge:
Number of cycles:
Series resistance:
Discharge
resistance:
Temperature:
6.3 V (5.5 V type)
12.6 V (11 V type)
30 seconds
9 minutes 30 seconds
1,000
0.047F
300Ω
0.10F
150Ω
0.22F
56Ω
0.47F
30Ω
1.0F,1.5F
15Ω
70±2°C
ESR
Current (30 minutes value)
Appearance
Characteristics in
Different Temperature
Capacitance
Phase 2
≥70%ofinitialvalue
Conforms to 4.17
Phase 1:
Phase 2:
Phase 4:
Phase 5:
Phase 6:
+25±2°C
−25±2°C
+25±2°C
+70±2°C
+25±2°C
ESR
≤300%ofinitialvalue
Capacitance
Phase 3
ESR
Capacitance
Phase 5
≤150%ofinitialvalue
ESR
Satisfy initial ratings
Current (30 minutes value)
≤1.5CV(mA)
Capacitance
Phase 6
Within±20%ofinitialvalue
ESR
Satisfy initial ratings
Current (30 minutes value)
Satisfy initial ratings


Similar Part No. - FA0H104ZF_17

ManufacturerPart #DatasheetDescription
logo
NEC
FA0H104ZF NEC-FA0H104ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
More results

Similar Description - FA0H104ZF_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com