Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C104C4GACAUTO Datasheet(PDF) 10 Page - Kemet Corporation

Part # C0805C104C4GACAUTO
Description  C0G Dielectric, 10 - 250 VDC (Automotive Grade)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C104C4GACAUTO Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C0805C104C4GACAUTO Datasheet HTML 6Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 7Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 8Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 9Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 10Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 11Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 12Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 13Page - Kemet Corporation C0805C104C4GACAUTO Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1022_C0G_AUTO_SMD • 1/9/2017 10
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Automotive Grade)
Soldering Process
Recommended Soldering Technique:
•SolderwaveorsolderreflowforEIAcasesizes0603,0805and1206
•AllotherEIAcasesizesarelimitedtosolderreflowonly
Recommended Reflow Soldering Profile:
KEMET’sfamiliesofsurfacemountmultilayerceramiccapacitors(SMDMLCCs)arecompatiblewithwave(singleordual),
convection,IRorvaporphasereflowtechniques.Preheatingofthesecomponentsisrecommendedtoavoidextremethermal
stress.KEMET’srecommendedprofileconditionsforconvectionandIRreflowreflecttheprofileconditionsoftheIPC/
J-STD-020standardformoisturesensitivitytesting.Thesedevicescansafelywithstandamaximumofthreereflowpasses
attheseconditions.
Storage and Handling
Ceramicchipcapacitorsshouldbestoredinnormalworkingenvironments.Whilethechipsthemselvesarequiterobustin
otherenvironments,solderabilitywillbedegradedbyexposuretohightemperatures,highhumidity,corrosiveatmospheres,
andlongtermstorage.Inaddition,packagingmaterialswillbedegradedbyhightemperature–reelsmaysoftenorwarp
andtapepeelforcemayincrease.KEMETrecommendsthatmaximumstoragetemperaturenotexceed40ºCandmaximum
storagehumiditynotexceed70%relativehumidity.Temperaturefluctuationsshouldbeminimizedtoavoidcondensationon
thepartsandatmospheresshouldbefreeofchlorineandsulfurbearingcompounds.Foroptimizedsolderabilitychipstock
shouldbeusedpromptly,preferablywithin1.5yearsofreceipt.
Profile Feature
Termination Finish
SnPb
100%MatteSn
Preheat/Soak
TemperatureMinimum(T
Smin)
100°C
150°C
TemperatureMaximum(T
Smax)
150°C
200°C
Time(t
S)fromTSmin to TSmax
60–120seconds
60–120seconds
Ramp-UpRate(T
L to TP)
3°C/second
maximum
3°C/second
maximum
LiquidousTemperature(T
L)
183°C
217°C
TimeAboveLiquidous(t
L)
60–150seconds
60–150seconds
PeakTemperature(T
P)
235°C
260°C
TimeWithin5°CofMaximum
PeakTemperature(t
P)
20seconds
maximum
30seconds
maximum
Ramp-DownRate(T
P to TL)
6°C/second
maximum
6°C/second
maximum
Time25°CtoPeak
Temperature
6 minutes
maximum
8 minutes
maximum
Note 1: All temperatures refer to the center of the package, measured on the
capacitor body surface that is facing up during assembly reflow.
Time
T
smin
25
T
smax
T
L
T
P
Maximum Ramp Up Rate = 3ºC/sec
Maximum Ramp Down Rate = 6ºC/sec
t
P
t
L
t
s
25ºC to Peak


Similar Part No. - C0805C104C4GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C104C4GACAUTO KEMET-C0805C104C4GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0805C104C4GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com