Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS497014 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 7Page - Cirrus Logic CS497014 Datasheet HTML 8Page - Cirrus Logic CS497014 Datasheet HTML 9Page - Cirrus Logic CS497014 Datasheet HTML 10Page - Cirrus Logic CS497014 Datasheet HTML 11Page - Cirrus Logic CS497014 Datasheet HTML 12Page - Cirrus Logic CS497014 Datasheet HTML 13Page - Cirrus Logic CS497014 Datasheet HTML 14Page - Cirrus Logic CS497014 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
11
5.6 Switching Characteristics—RESET
Figure 1. RESET Timing
5.7 Switching Characteristics — XTI
Figure 2. XTI Timing
Parameter
Symbol
Min
Max
Unit
RESET minimum pulse width low
Trstl
1—
s
All bidirectional pins high-Z after RESET low
Trst2z
100
ns
Configuration pins setup before RESET high
Trstsu
50
ns
Configuration pins hold after RESET high
Trsthld
20
ns
Parameter
Symbol
Min
Max
Unit
External Crystal operating frequency1
1. Part characterized with the following crystal frequency values: 12.288 and 24.576 MHz.
Fxtal
12.288
24.576
MHz
XTI period
Tclki
41
81.4
ns
XTI high time
Tclkih
16.4
ns
XTI low time
Tclkil
16.4
ns
External Crystal Load Capacitance (parallel resonant)2
2. CL refers to the total load capacitance as specified by the crystal manufacturer. Crystals which require a CL outside this range
should be avoided. The crystal oscillator circuit design should follow the crystal manufacturer’s recommendation for load capacitor
selection.
CL
10
18
pF
External Crystal Equivalent Series Resistance
ESR
50
RESET#
T
rst2z
T
rstl
T
rstsu
T
rsthld
HS[3:0]
All Bidirectional
Pins
t clkih
t clkil
Tclki
XTI


Similar Part No. - CS497014

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS497014-CVZ CIRRUS-CS497014-CVZ Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results

Similar Description - CS497014

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com