Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C104B4GACAUTO Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0805C104B4GACAUTO
Description  C0G Dielectric, 10 - 250 VDC (Automotive Grade)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C104B4GACAUTO Datasheet(HTML) 4 Page - Kemet Corporation

  C0805C104B4GACAUTO Datasheet HTML 1Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 2Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 3Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 4Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 5Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 6Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 7Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 8Page - Kemet Corporation C0805C104B4GACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1022_C0G_AUTO_SMD • 1/9/2017
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Automotive Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA Size
Code
Metric Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0402
1005
1.00(0.040)
±0.05(0.002)
0.50(0.020)
±0.05(0.002)
SeeTable2for
Thickness
0.30(0.012)
±0.10(0.004)
0.30(0.012)
SolderReflow
Only
0603
1608
1.60(0.063)
±0.15(0.006)
0.80(0.032)
±0.15(0.006)
0.35(0.014)
±0.15(0.006)
0.70(0.028)
SolderWaveor
SolderReflow
0805
2012
2.00(0.079)
±0.20(0.008)
1.25(0.049)
±0.20(0.008)
0.50(0.02)
±0.25(0.010)
0.75(0.030)
1206
3216
3.20(0.126)
±0.20(0.008)
1.60(0.063)
±0.20(0.008)
0.50(0.02)
±0.25(0.010)
N/A
1210
3225
3.20(0.126)
±0.20(.008)
2.50(0.098)
±0.20(0.008)
0.50(0.02)
±0.25(0.010)
SolderReflow
Only
1812
4532
4.50(0.177)
±0.30(0.012)
3.20(0.126)
±0.30(0.012)
0.60(0.024)
±0.35(0.014)
2220
5650
5.70(0.224)
±0.40(0.016)
5.00(0.197)
±0.40(0.016)
0.60(0.024)
±0.35(0.014)
Qualification/Certification
AutomotiveGradeproductsmeetorexceedtherequirementsoutlinedbytheAutomotiveElectronicsCouncil.Details
regardingtestmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassive
Components.ForadditionalinformationregardingtheAutomotiveElectronicsCouncilandAEC–Q200,pleasevisittheir
website@www.aecouncil.com.
Environmental Compliance
Lead(Pb)-free,RoHS,andREACHcompliantwithoutexemptions.


Similar Part No. - C0805C104B4GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C104B4GACAUTO KEMET-C0805C104B4GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0805C104B4GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com