Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80NHG1B-690 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # 80NHG1B-690
Description  NH DIN Dual Indication Fuse Links
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

80NHG1B-690 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

  80NHG1B-690 Datasheet HTML 1Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 2Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 3Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 4Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 5Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 6Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 7Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 8Page - Cooper Bussmann, Inc. 80NHG1B-690 Datasheet HTML 9Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Size 4 Time-Current Characteristics
Size 4 Technical Data
Part Number
Rated Current
(Amps)
Rated Voltage
(Vac)
I2t (A2s)
Watts Loss
Net Weight per
Fuse Link (kg)
Minimum Pre-Arcing
Total at 690Vac
630NHG4B-690
630
690
1,730,000
6,550,000
44
2.5
800NHG4B-690
800
3,300,000
11,000,000
61
22-08-12
BU-SB111443
Form NH 690V gG/gL
Page 8 of 9
Data Sheet 720109
Current in Amps (A)
Size 4, 630 to 800 Amps
NH DIN Dual Indication Fuse Links
Class gG/gL, 690Vac, 2 to 800 Amps, Sizes 000 to 4
NH Series
Pb


Similar Part No. - 80NHG1B-690

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
80NHG1B-690 COOPER-80NHG1B-690 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
80NHG1B-690 ETC1-80NHG1B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
More results

Similar Description - 80NHG1B-690

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
2NHG000B-690 ETC1-2NHG000B-690 Datasheet
614Kb / 9P
   690 Volts gG/gL NH Fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
170M1558D COOPER-170M1558D Datasheet
240Kb / 5P
   HIGH SPEED Dual Indication Fuse-Links Square Body DIN 43620 - 690V (IEC/UL), Size 000 to 00, 10 to 315 Amps
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com