Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8371 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8371
Description  16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8371 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8371 Datasheet HTML 1Page - Burr-Brown (TI) ADS8371 Datasheet HTML 2Page - Burr-Brown (TI) ADS8371 Datasheet HTML 3Page - Burr-Brown (TI) ADS8371 Datasheet HTML 4Page - Burr-Brown (TI) ADS8371 Datasheet HTML 5Page - Burr-Brown (TI) ADS8371 Datasheet HTML 6Page - Burr-Brown (TI) ADS8371 Datasheet HTML 7Page - Burr-Brown (TI) ADS8371 Datasheet HTML 8Page - Burr-Brown (TI) ADS8371 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADS8371
SLAS390A − JUNE 2003 − REVISED DECEMBER 2003
www.ti.com
3
SPECIFICATIONS
TA = −40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 750 kHz (unless otherwise noted)
PARAMETER
TEST
ADS8371IB
ADS8371I
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Analog Input
Full-scale input voltage (see Note 1)
+IN − −IN
0
Vref
0
Vref
V
Absolute input voltage
+IN
−0.2
Vref + 0.2
−0.2
Vref + 0.2
V
Absolute input voltage
−IN
−0.2
0.2
−0.2
0.2
V
Input capacitance
45
45
pF
Input leakage current
1
1
nA
System Performance
Resolution
16
16
Bits
No missing codes
16
16
Bits
Integral linearity (see Notes 2 and 3)
−1.5
−0.8/0.9
1.5
−2.5
2.5
LSB
Differential linearity
−1
−0.4/0.6
1
−1
1.5
LSB
Offset error
−0.75
±0.25
0.75
−1
±0.5
1
mV
Gain error (see Note 4)
−0.075
0.075
−0.15
0.15
%FS
Noise
60
60
µV RMS
Power supply rejection ratio
At 3FFFFh
output code
75
75
dB
Sampling Dynamics
Conversion time
1.13
1.13
µs
Acquisition time
0.2
0.2
µs
Throughput rate
750
750
kHz
Aperture delay
4
4
ns
Aperture jitter
15
15
ps
Step response
150
150
ns
Over voltage recovery
150
150
ns
(1) Ideal input span, does not include gain or offset error.
(2) LSB means least significant bit
(3) This is endpoint INL, not best fit.
(4) Measured relative to an ideal full-scale input (+IN − −IN) of 4.096 V


Similar Part No. - ADS8371

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8371 TI-ADS8371 Datasheet
959Kb / 29P
[Old version datasheet]   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
ADS8371 TI1-ADS8371 Datasheet
1,003Kb / 36P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371EVM TI-ADS8371EVM Datasheet
516Kb / 33P
[Old version datasheet]   Read This First
ADS8371IBPFBR TI1-ADS8371IBPFBR Datasheet
1,003Kb / 36P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results

Similar Description - ADS8371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8381 TI-ADS8381 Datasheet
391Kb / 35P
[Old version datasheet]   18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8383 TI-ADS8383 Datasheet
166Kb / 29P
[Old version datasheet]   18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com