Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS950 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADS950
Description  18-Bit, 500kHz, Low-Power Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS950 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS950 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS950 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ADS-950
2
®®
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range ➁
±5
±5
±5
Volts
Input Resistance
500
500
500
W
Input Capacitance
7
15
7
15
7
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
+2.0
+2.0
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+20
+20
+20
µA
Logic Loading "0"
–20
–20
–20
µA
Start Convert Positive Pulse Width ➂
20
500
20
500
20
500
ns
STATIC PERFORMANCE
Resolution
18
18
18
Bits
Integral Nonlinearity (fin = 10kHz)
±0.75
±1.5
±2
LSB
Differential Nonlinearity (fin = 10kHz)
–0.95
±0.5
+1
–0.95
±0.5
+1
–0.95
±0.50
+1.25
LSB
Full Scale Absolute Accuracy
±0.1
±0.25
±0.25
±0.4
±0.4
±0.8
%FSR
Bipolar Zero Error (Tech Note 2)
±0.1
±0.15
±0.15
±0.25
±0.25
±0.5
%FSR
Bipolar Offset Error (Tech Note 2)
±0.1
±0.2
±0.2
±0.3
±0.3
±0.6
%FSR
Gain Error (Tech Note 2)
±0.1
±0.25
±0.25
±0.4
±0.4
±0.9
%
No Missing Codes (fin = 10kHz)
18
18
18
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 100kHz
–90
–90
–86
dB
Total Harmonics Distortion (–0.5dB)
dc to 100kHz
–89
–89
–85
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 100kHz
92
94
92
94
92
dB
Signal-to-Noise Ratio ➃
(& distortion, –0.5dB)
dc to 100kHz
86
86
82
dB
Noise
38
48
38
48
38
µVrms
Two-Tone Intermodulation
Distortion (fin = 100kHz,
240kHz, fs = 1MHz, –0.5dB)
–85
–85
–85
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
TBD
TBD
TBD
MHz
Large Signal (–0.5dB input)
TBD
TBD
TBD
MHz
Feedthrough Rejection (fin = 500kHz)
84
84
84
dB
Slew Rate
TBD
TBD
TBD
V/µs
Aperture Delay Time
+20
+20
+20
ns
Aperture Uncertainty
5
5
5
ps rms
S/H Acquisition Time
( to ±0.003%FSR, 10V step)
260
260
260
ns
Overvoltage Recovery Time ➄
—1
1
1
µs
A/D Conversion Rate
500
500
500
kHz
PARAMETERS
LIMITS
UNITS
+15V Supply (Pin 9)
0 to +16
Volts
–15V Supply (Pin 8)
0 to –16
Volts
+5V Supply (Pins 10, 14)
0 to +6
Volts
–5V Supply (Pin 11)
0 to –6
Volts
Digital Input (Pin 16)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 4)
±15
Volts
Lead Temperature (10 seconds)
+300
°C
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-951MC
0
+70
°C
ADS-951MM
–55
+125
°C
Thermal Impedance
qjc
5
°C/Watt
qca
22
°C/Watt
Storage Temperature Range
–65
+150
°C
Package Type
32-pin,side-brazed, metal-sealed, ceramic TDIP
Weight
0.46 ounces (13 grams)
ABSOLUTE MAXIMUM RATINGS
PHYSICAL/ENVIRONMENTAL
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±15V, ±VDD = ±5V, 500kHz sampling rate, and a minimum 1 minute warmup ➀ unless otherwise specified.)


Similar Part No. - ADS950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS953 ETC-ADS953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
More results

Similar Description - ADS950

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com