Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N79E815 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N79E815
Description  Nuvoton 8051 series
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E815 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N79E815 Datasheet HTML 3Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 4Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 5Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 6Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 7Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 8Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 9Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 10Page - List of Unclassifed Manufacturers N79E815 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
N79E815A/814A/8132A 中文规格书
2016年2月20日
第7页 总179页
版本 V3.00
2
特性
 内核
全静态8位CMOS加速51(4T) CMOS微控制器
指令与MCS-51兼容
 工作电压范围
VDD = 4.5V to 5.5V @ FOSC 最高至 24MHz
VDD = 3.0V to 5.5V @ 内部 RC 22.1184MHz
VDD = 2.4V to 5.5V @ FOSC = 12MHz 或内部 RC 11.0592MHz
 工作温度范围
-40
C ~85C
 时钟源
高速外部振荡器:
-
最高24 MHz 晶振和振荡器 (由配置位CONFIG使能)
内部RC 振荡器: 22.1184MHz/11.0592MHz (由配置位CONFIG选择)
-
在 V
DD = 5V 温度 25C 条件下精度为 1%
-
在 V
DD = 2.7V ~ 5.5V 温度 25C 条件下精度为 3%
-
在 V
DD = 2.7V ~ 5.5V 温度 -10C~+70C 条件下精度为 5%
-
在 V
DD = 2.7V ~ 5.5V 温度 -40C ~ 85C 条件下精度为 8%
CPU时钟源由配置位CONFIG决定,仅在编程器烧写代码时更改
8-位可编程的CPU时钟除频器 (DIVM)
 芯片内存
FLASH 擦写/编程次数 100,000次
N79E815A :总共 16K-字节分别用于APROM程序闪存存储器 加 数据闪存存储器
(由配置位定义各自容量)
N79E814A:8K字节APROM 程序闪存存储器 和 4K-字节数据闪存存储器
N79E8132A:4K字节 APROM 程序闪存存储器 和 4K-字节数据闪存存储器
APROM闪存存储器/ LDROM闪存存储器 和 数据闪存存储器 都可加密保护
全部闪存存储器区域128字节为一页
256 字节片上直接/间接RAM
256 字节MOVX-RAM, 用指令MOVX 访问.
2K-字节LD 闪存存储器 用于ISP功能(LDROM)
片上闪存存储器可用以下方式编程
-
通用 H/W 烧录器模式
-
串行方式在电路编程模式 (ICP)
-
软件执行ISP (在线编程)
 I/O端口
根据不同封装,最多 25个 I/O端口
除P1.2和P1.3外,所有引脚支持由软件配置的4种不同模式


Similar Part No. - N79E815

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N79E815 NUVOTON-N79E815 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AS20 NUVOTON-N79E815AS20 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AS28 NUVOTON-N79E815AS28 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AT20 NUVOTON-N79E815AT20 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N79E815AT28 NUVOTON-N79E815AT28 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
More results

Similar Description - N79E815

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
N79E715 NUVOTON-N79E715 Datasheet
3Mb / 189P
   Nuvoton 8051-based Microcontroller
N79E845 NUVOTON-N79E845 Datasheet
3Mb / 183P
   Nuvoton 8051-based Microcontroller
N79E815 NUVOTON-N79E815 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
N76E616 NUVOTON-N76E616 Datasheet
3Mb / 182P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003 Datasheet
4Mb / 276P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003_18 Datasheet
4Mb / 276P
   Nuvoton 1T 8051-based Microcontroller
N78E366A NUVOTON-N78E366A Datasheet
3Mb / 136P
   Nuvoton 8-bit 8051-based Microcontroller
N76E885 NUVOTON-N76E885 Datasheet
3Mb / 205P
   Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003_17 Datasheet
4Mb / 273P
   Nuvoton 1T 8051-based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com