Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N79E352 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # N79E352
Description  8-BIT MICROCONTROLLER
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E352 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button N79E352 Datasheet HTML 2Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 3Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 4Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 5Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 6Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 7Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 8Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 9Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 135 page
background image
Preliminary N79E352/N79E352R Data Sheet
- 6 -
3. PARTS INFORMATION LIST
3.1 Lead Free (RoHS) Parts information list
PART NO.
EPROM
FLASH SIZE
RAM
NVM FLASH
EPROM
INTERNAL RC
OSCILLATOR
ACCURACY
1
PACKAGE
N79E352RADG
8KB
256B
128B
22.1184MHz
± 2% DIP-40 Pin
N79E352RAPG
8KB
256B
128B
22.1184MHz
± 2% PLCC-44 Pin
N79E352RAFG
8KB
256B
128B
22.1184MHz
± 2% PQFP-44 Pin
N79E352RALG
8KB
256B
128B
22.1184MHz
± 2% LQFP-48 Pin
N79E352ADG
8KB
256B
128B
22MHz
± 25%
DIP-40 Pin
N79E352APG
8KB
256B
128B
22MHz
± 25%
PLCC-44 Pin
N79E352AFG
8KB
256B
128B
22MHz
± 25%
PQFP-44 Pin
N79E352ALG
8KB
256B
128B
22MHz
± 25%
LQFP-48 Pin
Table 3-1: Lead Free (RoHS) Parts information list
Note:
1. Factory calibration condition: VDD=5.0V±10%, TA = 25°C


Similar Part No. - N79E352

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N79E352 NUVOTON-N79E352 Datasheet
2Mb / 135P
   8-BIT MICROCONTROLLER
N79E352ADG NUVOTON-N79E352ADG Datasheet
2Mb / 135P
   8-BIT MICROCONTROLLER
N79E352AFG NUVOTON-N79E352AFG Datasheet
2Mb / 135P
   8-BIT MICROCONTROLLER
N79E352ALG NUVOTON-N79E352ALG Datasheet
2Mb / 135P
   8-BIT MICROCONTROLLER
N79E352APG NUVOTON-N79E352APG Datasheet
2Mb / 135P
   8-BIT MICROCONTROLLER
More results

Similar Description - N79E352

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com